Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1524 Datasheet(PDF) 15 Page - ams AG

Part # AS1524
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1524 Datasheet(HTML) 15 Page - ams AG

Back Button AS1524 Datasheet HTML 11Page - ams AG AS1524 Datasheet HTML 12Page - ams AG AS1524 Datasheet HTML 13Page - ams AG AS1524 Datasheet HTML 14Page - ams AG AS1524 Datasheet HTML 15Page - ams AG AS1524 Datasheet HTML 16Page - ams AG AS1524 Datasheet HTML 17Page - ams AG AS1524 Datasheet HTML 18Page - ams AG AS1524 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
15 - 22
AS1524/AS1525
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Automatic Shutdown Mode
With CNVST low, the AS1524/AS1525 default to automatic shutdown (< 0.2µA) mode after power-up and between
conversions. After detecting a rising edge of CNVST, the AS1524/AS1525 powers up, sets DOUT low, and enters
track mode.
After detecting a falling edge of CNVST, the device enters hold mode and begins the conversion. A maximum of 3.7µs
later, the device completes conversion, enters shutdown, and MSB is available at DOUT.
External Reference
An external reference is required for the AS1524/AS1525. Use a 4.7µF bypass capacitor for best performance. The
reference input structure allows a voltage range of +1V to VDD + 50mV.
Performing a Conversion
1. Use a general-purpose I/O line on the CPU to hold CNVST low between conversions.
2. Drive CNVST high to acquire AIN1(AS1525) or unipolar mode (AS1524). To acquire AIN2 (AS1525) or bipolar
mode (AS1524), drive CNVST low and high again.
3. Hold CNVST high for 1.4µs.
4. Drive CNVST low and wait approximately 3.7µs for conversion to complete. After 3.7µs, the MSB is available
at DOUT.
5. Activate SCLK for a minimum of 12 rising clock edges. DOUT transitions on SCLK’s falling edge and is avail-
able in MSB-first format. Observe the SCLK to DOUT valid timing characteristic. Clock data into the µP on
SCLK’s rising edge.
Standard Interface Connections
The AS1524/AS1525 serial interface is fully compatible with SPI, QSPI, and MICROWIRE. If a serial interface is avail-
able, establish the processor’s serial interface as a master so that the CPU generates the serial clock for the AS1524/
AS1525 and select a clock frequency up to 8MHz.
SPI and Microwire Interface
When using an SPI (Figure 23) or Microwire interface (Figure 24), set CPOL = CPHA = 0. Two 8-bit readings are nec-
essary to obtain the entire 12-bit result from the AS1524/AS1525. DOUT data transitions on the serial clock’s falling
edge and is clocked into the processor on SCLK’s rising edge. The first 8-bit data stream contains the first 8-bits of
DOUT starting with the MSB. The second 8-bit data stream contains the remaining four result bits. DOUT then goes
high impedance.
Figure 23. SPI Serial Interface Connections
AS1524/
AS1525
CPU
SSM
MISO
I/O
SCK
7
DOUT
6
CNVST
8
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com