Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1525 Datasheet(PDF) 16 Page - ams AG

Part # AS1525
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1525 Datasheet(HTML) 16 Page - ams AG

Back Button AS1525 Datasheet HTML 12Page - ams AG AS1525 Datasheet HTML 13Page - ams AG AS1525 Datasheet HTML 14Page - ams AG AS1525 Datasheet HTML 15Page - ams AG AS1525 Datasheet HTML 16Page - ams AG AS1525 Datasheet HTML 17Page - ams AG AS1525 Datasheet HTML 18Page - ams AG AS1525 Datasheet HTML 19Page - ams AG AS1525 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
16 - 22
AS1524/AS1525
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 24. Microwire Serial Interface Connections
Figure 25. SPI/Microwire Interface Timing Diagram (CPOL = CPHA = 0)
QSPI Interface
Using the high-speed QSPI interface (Figure 26) with CPOL = 0 and CPHA = 0, the AS1524/AS1525 support a maxi-
mum fSCLK of 8MHz. One 12- to 16-bit reads are necessary to obtain the entire 12-bit result from the AS1524/AS1525.
DOUT data transitions on the serial clock’s falling edge and is clocked into the processor on SCLK’s rising edge. The
first 12 bits are the data. DOUT then goes high impedance (see Figure 24).
Figure 26. QSPI Serial Interface Connections
AS1524/
AS1525
CPU
SI
I/O
SK
7
DOUT
6
CNVST
8
SCLK
SCLK
CNVST
Sampling Instant
1
4
8
12
DOUT
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B11
MSB
B0
LSB
High Z
16
1st Byte Read
2nd Byte Read
AS1524/
AS1525
CPU
SSM
MISO
CSM
SCK
7
DOUT
6
CNVST
8
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com