Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1525 Datasheet(PDF) 1 Page - ams AG

Part # AS1525
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1525 Datasheet(HTML) 1 Page - ams AG

  AS1525 Datasheet HTML 1Page - ams AG AS1525 Datasheet HTML 2Page - ams AG AS1525 Datasheet HTML 3Page - ams AG AS1525 Datasheet HTML 4Page - ams AG AS1525 Datasheet HTML 5Page - ams AG AS1525 Datasheet HTML 6Page - ams AG AS1525 Datasheet HTML 7Page - ams AG AS1525 Datasheet HTML 8Page - ams AG AS1525 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AS1524/AS1525
150ksps, 12-Bit, 1-Channel Pseudo/Tr ue-Differential
and 2-Channel Single-Ended ADCs
www.austriamicrosystems.com
Revision 1.02
1 - 22
Datasheet
1 General Description
The AS1524/AS1525 are low-power, 12-bit analog-to-
digital converters (ADCs) designed to operate with a sin-
gle +2.7V to +5.25V supply. Excellent dynamic perfor-
mance, low power consumption, and simplicity make
these devices perfect for portable battery-powered data-
acquisition applications.
The devices are available as the standard products
listed in Table 1.
The devices feature a successive-approximation regis-
ter (SAR), automatic shutdown, fast wakeup (1.4µs),
and low-power consumption at the maximum sampling
rate of 150ksps.
Automatic shutdown (0.2µA) between conversions
results in reduced power consumption (at slower
throughput rates).
Data access are made via an external clock through the
SPI-/QSPI-/MICROWIRE-compatible 3-wire high-speed
serial interface.
The AS1525/AS1524 are available in a 8-pin TDFN
(3x3mm) package.
Figure 1. AS1524/AS1525 - Block Diagram
2 Key Features
!
Single-Supply Operation: +2.7V to +5.25V
!
Automatic Shutdown Between Conversions
!
Low Power Consumption
- 350µA @ 150ksps
- 245µA @ 100ksps
-24µA @ 10ksps
- 2.5µA @ 1ksps
- 200nA in Automatic Shutdown Mode
!
True-Differential Track/Hold, 150kHz Sampling Rate
Software-Configurable Unipolar/Bipolar Conversion
(AS1524)
!
Input Common Mode Range from GND to VDD
!
3-Wire SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
!
Internal Conversion Clock
!
8-pin TDFN (3x3mm) Package
3 Applications
The devices are ideal for remote sensors, data-acquisi-
tion, data logging devices, lab instruments, or for any
other space-limited A/D devices with low power con-
sumption and single-supply requirements.
Table 1. Standard Products
Model
Input Type
Input Voltage
AS1524
1-Channel, Pseudo /
True-Differential
0 to VREF /
-VREF/2 to VREF/2
AS1525
2-Channel, Single-
Ended
0 to VREF
AS1524/AS1525
Control
Logic
Input
Shift
Register
Osc
Track/
Hold
6
DOUT
5
GND
1
VDD
7
CNVST
8
SCLK
4
REF
12-Bit
SAR
2
AIN1/AIN+
2
AIN2/AIN-


Similar Part No. - AS1525

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1525 AMSCO-AS1525 Datasheet
68Kb / 2P
Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
More results

Similar Description - AS1525

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
logo
Linear Technology
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com