Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1525 Datasheet(PDF) 17 Page - ams AG

Part # AS1525
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1525 Datasheet(HTML) 17 Page - ams AG

Back Button AS1525 Datasheet HTML 13Page - ams AG AS1525 Datasheet HTML 14Page - ams AG AS1525 Datasheet HTML 15Page - ams AG AS1525 Datasheet HTML 16Page - ams AG AS1525 Datasheet HTML 17Page - ams AG AS1525 Datasheet HTML 18Page - ams AG AS1525 Datasheet HTML 19Page - ams AG AS1525 Datasheet HTML 20Page - ams AG AS1525 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
17 - 22
AS1524/AS1525
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 27. QSPI Serial Interface Timing (CPOL = CPHA = 0)
PIC16 and SSP Module and PIC17 Interface
The AS1524/AS1525 are compatible with a PIC16/PIC17 controllers, using the synchronous serial port (SSP) module
To establish SPI communication, connect the PIC16/PIC17 controllers as shown in Figure 28 and configure the PIC16/
PIC17 as system master. This is done by initializing its synchronous serial port control register (SSPCON) and syn-
chronous serial port status register (SSPSTAT) to the bit patterns shown in Table 6 on page 18 and Table 7 on
page 18.
Figure 28. SPI Interface Connections for PIC16/PIC17 Controller
In SPI mode, the PIC16/PIC17 processor allow 8 bits of data to be synchronously transmitted and received simultane-
ously. Two consecutive 8-bit readings (see Figure 29) are necessary to obtain the entire 12-bit result from the AS1524/
AS1525. DOUT data transitions on the serial clock’s falling edge and is clocked into the processor on SCLK’s rising
edge.
The first 8-bit data stream contains the first 8 data bits starting with the MSB. The second data stream contains the
remaining bits, D3 through D0.
Figure 29. SPI Interface Timing with PIC16/PIC17 in Master Mode (CKE = 1. CKP = 0. SMP = 0, SSPM3:SSPM0
= 0001)
SCLK
CNVST
Sampling Instant
1
4
8
12
DOUT
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B11
MSB
B0
LSB
High Z
16
AS1524/
AS1525
PIC16/
PIC17
DOUT
CNVST
SCLK
7
DOUT
6
CNVST
8
SCLK
SCLK
CNVST
Sampling Instant
1
4
8
12
DOUT
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B11
MSB
B0
LSB
High Z
16
1st Byte Read
2nd Byte Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com