Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1536 Datasheet(PDF) 16 Page - ams AG

Part # AS1536
Description  12-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1536 Datasheet(HTML) 16 Page - ams AG

Back Button AS1536 Datasheet HTML 12Page - ams AG AS1536 Datasheet HTML 13Page - ams AG AS1536 Datasheet HTML 14Page - ams AG AS1536 Datasheet HTML 15Page - ams AG AS1536 Datasheet HTML 16Page - ams AG AS1536 Datasheet HTML 17Page - ams AG AS1536 Datasheet HTML 18Page - ams AG AS1536 Datasheet HTML 19Page - ams AG AS1536 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.austriamicrosystems.com
Revision 1.01
17 - 22
AS1536/AS1537
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Initialization
When power is first applied, and if SHDNN is not pulled low, it takes the fully discharged 4.7µF reference bypass
capacitor up to 20ms to provide adequate charge for specified accuracy.
With an external reference, the initialization time is 10µs after the power supplies have stabilized.
Note: A/D conversions must not be started during initialization of the AS1536/AS1537.
Serial Interface
The AS1536/AS1537 fully support SPI, QSPI, and Microwire interfaces. For SPI, select the correct clock polarity and
sampling edge in the SPI control registers (set CPOL = 0 and CPHA = 0).
Microwire, SPI, and QSPI all transmit a byte and receive a byte at the same time.
Serial Interface Configuration
The AS1536/AS1537 serial interface can be configured with the following procedure:
1. Put the microprocessor’s serial interface into master mode (so that it generates the serial clock).
2. Select a clock frequency up to 2.1MHz.
3. Keeping SCLK low, pull CSN low via one of the microprocessor’s general-purpose I/O lines.
4. Monitor DOUT for its rising edge to determine the EOC, or wait the maximum conversion time specified before acti-
vating SCLK.
5. Activate SCLK for a minimum of 11 clock cycles. The first falling clock edge produces the MSB of the conversion.
Output data transitions on the falling edge of SCLK, and is available in MSB-first format at pin DOUT. Observe the
SCLK to DOUT valid timing characteristic. Data can be clocked into the microprocessor on the rising edge of SCLK.
6. CSN should be pulled high at or after the 13th falling clock edge. If CSN remains low, trailing zeros are clocked out
after the LSB.
7. With CSN = high, wait the minimum specified time, tCS, before initiating a new conversion by pulling CSN low. If a
conversion is aborted by pulling CSN high before the conversion’s end, wait for the minimum acquisition time, tACQ,
before starting a new conversion.
Note: CSN must be held low until all data bits are clocked out.
8. Data can be output in two bytes or continuously (see Figure 34 on page 18). The bytes contain the result of the con-
version padded with one leading 1, two sub-bits, and trailing 0s.
SPI and Microwire Interfaces
When interfacing the AS1536/AS1537 to a microprocessor’s SPI or Microwire interface (see Figure 32 and Figure 33),
set SPI control registers CPOL = 0 and CPHA = 0.
Figure 32. SPI Serial Interface Connections
AS1536/
AS1537
CPU
SSM
MISO
I/O
SCK
6
DOUT
7
CSN
8
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com