Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1536 Datasheet(PDF) 18 Page - ams AG

Part # AS1536
Description  12-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1536 Datasheet(HTML) 18 Page - ams AG

Back Button AS1536 Datasheet HTML 13Page - ams AG AS1536 Datasheet HTML 14Page - ams AG AS1536 Datasheet HTML 15Page - ams AG AS1536 Datasheet HTML 16Page - ams AG AS1536 Datasheet HTML 17Page - ams AG AS1536 Datasheet HTML 18Page - ams AG AS1536 Datasheet HTML 19Page - ams AG AS1536 Datasheet HTML 20Page - ams AG AS1536 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.austriamicrosystems.com
Revision 1.01
19 - 22
AS1536/AS1537
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Unlike the SPI interface, which requires two 1-byte reads to acquire the 12 data bits from the AS1536/AS1537, QSPI
allows the minimum number of clock cycles necessary to clock in the data. The devices require 13 clock cycles from
the microprocessor to clock out the 12 data bits with no trailing zeros (see Figure 36).
Note: The maximum clock frequency to ensure compatibility with QSPI is 2.097MHz.
Figure 36. QSPI Serial Interface Timing (CPOL = CPHA = 0)
Layout Considerations
The AS1536/AS1537 require proper layout and design procedures for optimum performance.
!
Use printed circuit boards; wirewrap boards should not be used.
!
Separate analog and digital traces from each other. Analog and digital traces should not run parallel to each other
(especially clock traces).
!
Digital traces should not run beneath the AS1536/AS1537.
!
Use a single-point analog ground at GND, separate from the digital ground (see Figure 37). Connect all other ana-
log grounds and DGND to this star ground point for further noise reduction. No other digital system ground should
be connected to this single-point analog ground. The ground return to the power supply for this ground should be
low impedance and as short as possible for noise-free operation.
!
High-frequency noise in the VDD power supply may affect the AS1536/AS1537 high-speed comparator. Bypass
this supply to the single-point analog ground with 0.1µF and 4.7µF bypass capacitors (see Figure 37). The bypass
capacitors should be placed as close to the device as possible for optimum power supply noise-rejection. If the
power supply is very noisy, a 10
Ω resistor can be connected as a low-pass filter to attenuate supply noise.
Figure 37. Recommended Ground Design
SCLK
CSN
DOUT
EOC
tCONV
LSB
MSB
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
High-Z
when CSN
is High
AS1536/
AS1537
Power
Supplies
Digital
Circuitry
0.1µF
+
4.7µF
10
Ω
(Optional)
GND
GND
+3V
1
VDD
5
GND
+3V
+3V
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com