Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710 Datasheet(PDF) 15 Page - ams AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710 Datasheet(HTML) 15 Page - ams AG

Back Button AS1710 Datasheet HTML 9Page - ams AG AS1710 Datasheet HTML 10Page - ams AG AS1710 Datasheet HTML 11Page - ams AG AS1710 Datasheet HTML 12Page - ams AG AS1710 Datasheet HTML 13Page - ams AG AS1710 Datasheet HTML 14Page - ams AG AS1710 Datasheet HTML 15Page - ams AG AS1710 Datasheet HTML 16Page - ams AG AS1710 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.austriamicrosystems.com
Revision 1.06
15 - 17
AS1710/AS1712
Data Sheet - P a c k age Drawin gs an d Ma rkings
Figure 29. TQFN-16 3x3mm Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5m-1994.
2. All dimensions are in millimeters while angle is in degrees (°).
3. N is the total number of terminals.
4. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95, SPP-002. Details of
terminal #1 identifier are optional, but must be located within the zone indicated. The terminal #1 identifier may
be either a mold or marked feature.
5. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal
tip. If the terminal has the optional radius on the other end of the terminal, the dimension b should not be mea-
sured in that radius area.
6. Depopulation is possible in a symmetrical fashion.
7. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal
tip. If the terminal has the optional radius on the other end of the terminal, the dimension b should not be mea-
sured in that radius area.
8. ND and NE refer to the number of terminals on sides D and E respectively.
-C-
SIDE VIEW
PLANE
ccc C
0.08 C
NX
SEATING
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
4
(D/2 xE/2)
-B-
NXb
D2/2
D2
2
1
bbb
C A B
ddd
C
-B-
NN-1
BTM VIEW
6
5
(D/2 xE/2)
INDEX AREA
4
SEE
DETAIL B
SEE
DETAIL B
Datum A or B
ODD TERMINAL SIDE
Terminal Tip
e
5
Symbol
Min
Typ
Max
Notes
L1
0.03
0.15
1, 2
D BSC
3.00
1, 2, 8
E BSC
3.00
1, 2, 8
D2
1.30
1.45
1.55
1, 2, 8
E2
1.30
1.45
1.55
1, 2, 8
L
0.30
0.40
0.50
1, 2, 8
N16
1, 2, 8
ND
4
1, 2, 8
NE
4
Symbol
Min
Typ
Max
Notes
aaa
0.15
1, 2
bbb
0.10
1, 2
ccc
0.10
1, 2
ddd
0.05
1, 2
b
0.18
0.25
0.30
1, 2
A
0.70
0.75
0.80
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20REF
1, 2
e0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com