Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710 Datasheet(PDF) 6 Page - ams AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710 Datasheet(HTML) 6 Page - ams AG

Back Button AS1710 Datasheet HTML 2Page - ams AG AS1710 Datasheet HTML 3Page - ams AG AS1710 Datasheet HTML 4Page - ams AG AS1710 Datasheet HTML 5Page - ams AG AS1710 Datasheet HTML 6Page - ams AG AS1710 Datasheet HTML 7Page - ams AG AS1710 Datasheet HTML 8Page - ams AG AS1710 Datasheet HTML 9Page - ams AG AS1710 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.06
6 - 17
AS1710/AS1712
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = 2.7V; VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RLOAD =
∞, VSHDNN = VDD TAMB = +25ºC (unless otherwise spec-
ified).
Figure 3. Gain and Phase vs. Frequency
Figure 4. Gain and Phase vs. Frequency, CLOAD = 100pF
Figure 5. PSRR vs. Frequency
Figure 6. CMRR vs. Frequency
Figure 7. Supply Current vs. Temperature
Figure 8. Shutdown Current vs. Temperature
-40
-20
0
20
40
60
80
100
120
0.001
0.1
10
1000
100000
Frequency (kHz)
0
40
80
120
160
200
240
280
320
-40
-20
0
20
40
60
80
100
120
0.001
0.1
10
1000
100000
Frequency (kHz)
0
40
80
120
160
200
240
280
320
Gain
Phase
Gain
Phase
0
10
20
30
40
50
60
70
80
90
100
0.001
0.1
10
1000
Frequency (kHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.001
0.1
10
1000
Frequency (kHz)
PSRR pos
PSRR neg
CMRR
0
0.5
1
1.5
2
2.5
3
3.5
4
-45
-20
5
30
55
80
105
130
Temperature (°C)
5V
2.7V
0.1
1
10
100
1000
-45
-20
5
30
55
80
105
130
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com