Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710 Datasheet(PDF) 2 Page - ams AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710 Datasheet(HTML) 2 Page - ams AG

  AS1710 Datasheet HTML 1Page - ams AG AS1710 Datasheet HTML 2Page - ams AG AS1710 Datasheet HTML 3Page - ams AG AS1710 Datasheet HTML 4Page - ams AG AS1710 Datasheet HTML 5Page - ams AG AS1710 Datasheet HTML 6Page - ams AG AS1710 Datasheet HTML 7Page - ams AG AS1710 Datasheet HTML 8Page - ams AG AS1710 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.06
2 - 17
AS1710/AS1712
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
See Figure 2
IN+
Non-inverting Input
IN-
Inverting Input
VDD
Positive Supply Input
VSS
Negative Supply Input. This pin must be connected to ground in single-supply
applications.
SHDNN
Active Low Shutdown Control
OUT
Amplifier Output
Exposed Pad
Exposed Pad. This pin also functions as a heat sink. Solder it to a large pad or to
the circuit-board ground plane to maximize power dissipation.
4OUT
3
IN-
2
VSS
1
IN+
5 VDD
AS1710-B
SC70-5
4OUT
3
IN-
2
VSS
1
IN+
6 VDD
AS1710-A
SC70-6
5 SHDNN
10 IN3+
11 VSS
12 IN4+
9 IN3-
3
IN2+
2
VDD
1
IN1+
4
IN2-
AS1712-A
TQFN-16 3x3mm
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com