Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 8 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 8 Page - ams AG

Back Button AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG AS1716 Datasheet HTML 10Page - ams AG AS1716 Datasheet HTML 11Page - ams AG AS1716 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 12
AS1716
Datasheet - D e t a i l e d D e s c r i p t i o n
Fully Differential to Single Ended Conversion
The Subtractor block converts the filtered differential sensor signal into a single ended signal. Further this block pro-
vides also the gain setting (see Section Gain Settings).
Figure 11. Subtractor Block
Gain Settings
By means of pins GA and GB, 4 gain settings (x0.5, x1, x2, x4) can be realized.
The default gain setting is 4, GA=0 and GB=0.
Multiple Feedback Filter
The Multiple Feedback Filter provides a second order low pass characteristics with a minimum cut-off frequency of
16kHz and a typical fC of 23kHz. The Multiple Feedback configuration is used to avoid aliasing, to filter out high fre-
quency components. The Output is able to drive a resistor from 100
Ω to 1kΩ serial to a 10nF capacitor.
Figure 12. Multiple Feedback Filter
Table 4. Gain Settings
Gain
GA
GB
0.5
1
1
11
0
20
1
40
0
-
+
Gain Control
x0.5, x1, x2, x4
-
+
OUT
Multiple Feedback LP filter
fc ~23kHz typ.
VDDA/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com