Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 3 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 3 Page - ams AG

  AS1716 Datasheet HTML 1Page - ams AG AS1716 Datasheet HTML 2Page - ams AG AS1716 Datasheet HTML 3Page - ams AG AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 12
AS1716
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDDA, VSSA
+ 7.0
V
GA, GB, OUT, INP, INN, NC
VSSA -
0.3
VDDA +
0.3
V
To get an overvoltage protection of up
to +16V at the system level, apply
external resistors (typ. 1k
Ω) on the pins
INP and INN
.
ESD
±4
kV
AEC-Q100-002, @ TA = +25ºC
Latchup Immunity
-100
+100
mA
AEC-Q100-004, @ TA = +25ºC
Operating Temperature Range
-40
+125
ºC
Junction Temperature
+150
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-
020D “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com