Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 9 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 9 Page - ams AG

Back Button AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG AS1716 Datasheet HTML 10Page - ams AG AS1716 Datasheet HTML 11Page - ams AG AS1716 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 12
AS1716
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 13. Application Diagram, minimal requirements
Values of the suggested external components are indicative and need to be characterized for each specific application.
Typical Piezo Sensor:
!
Resistor from 500k
Ω to 1MΩ
!
Capacity from 900nF to 1.5µF
Typical wire equivalent circuit:
!
Capacity to groung from 100pF to 400pF / meter
!
Capacity between wires strongly depends on type of wires (twisted-pair strongly suggested)
!
Resistance is typical 50m
Ω / meter @ 20°C
Layout rules
!
Input Resistors and Capacitors at the inputs should be placed as close as possible to the stonger possible source
of disturbances (i.e. the input connector).
!
The input lines should be kept as short as possible and routed close to each other.
!
The filter capacitor (100nF) on supply should be a ceramic type and placed as close as possible to the chip.
!
VSSA and VDDA lines on PCB should have larger width than other signals to minimize resistance, especially if the
10µF capacitor is not very close to the chip.
!
The output line should be kept as short as possible.
Due to
failure
up to 16V
typical
sensor
1k
1k
-
+
Multiple Feedback LP filter
fc ~23kHz typ.
Gain Control
x0.5, x1, x2, x4
INN
INP
GA
GB
100
Ω
to
1k
OUT
µC
12 Bit AD
50k S/s
NC
VSSA
VDDA
100nF 10µF
V 4.5...5.5V
-
+
-
+
VDDA/2
-
+
VDDA/2
+
-
VDDA
VDDA/2
VDDA/2
VDDA/2
AS1716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com