Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1743 Datasheet(PDF) 8 Page - ams AG

Part # AS1743
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1743 Datasheet(HTML) 8 Page - ams AG

Back Button AS1743 Datasheet HTML 4Page - ams AG AS1743 Datasheet HTML 5Page - ams AG AS1743 Datasheet HTML 6Page - ams AG AS1743 Datasheet HTML 7Page - ams AG AS1743 Datasheet HTML 8Page - ams AG AS1743 Datasheet HTML 9Page - ams AG AS1743 Datasheet HTML 10Page - ams AG AS1743 Datasheet HTML 11Page - ams AG AS1743 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
8 - 15
AS1741
Data Sheet - Deta iled Description
8 Detailed Description
The AS1741/AS1742/AS1743 are low ON-resistance, low-voltage, dual analog SPST switches that operate from a sin-
gle +1.6 to +3.6V supply.
CMOS process technology allows switching of analog signals that are within the supply voltage range (GND to V+).
ON Resistance
When powered from a +3V supply, the AS1741/AS1742/AS1743 low (0.8
Ω, max) ON-resistance allows high-speed,
continuous signals to be switched in a variety of applications. All devices have very low RON flatness (0.18
Ω, max) so
they can meet or exceed the low-distortion audio requirements of modern portable audio devices.
Bi-Directional Switching
Pins NOx, NCx, and COMx are bi-directional and can be used as inputs or outputs.
Analog Signal Levels
Analog signals ranging over the entire supply voltage range (V+ to GND) can be passed with very little change in ON-
resistance (see Typical Operating Characteristics on page 6).
Logic Inputs
The AS1741/AS1742/AS1743 logic inputs can be driven up to +3.6V regardless of the supply voltage value. For exam-
ple, with a +1.8V supply, INx may be driven low to GND and high to +3.6V. This allows the devices to interface with
+3V systems using a supply of less than 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com