Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1743 Datasheet(PDF) 10 Page - ams AG

Part # AS1743
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1743 Datasheet(HTML) 10 Page - ams AG

Back Button AS1743 Datasheet HTML 6Page - ams AG AS1743 Datasheet HTML 7Page - ams AG AS1743 Datasheet HTML 8Page - ams AG AS1743 Datasheet HTML 9Page - ams AG AS1743 Datasheet HTML 10Page - ams AG AS1743 Datasheet HTML 11Page - ams AG AS1743 Datasheet HTML 12Page - ams AG AS1743 Datasheet HTML 13Page - ams AG AS1743 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
10 - 15
AS1741
Data Sheet - Ap p lica tio n In fo r m a tio n
Figure 14. AS1743 Test Circuit and Timing Diagram
Figure 15. Charge Injection
Figure 16. NOx, NCx, and COMx Capacitance
AS1743
COM2
NO1
35pF
50
Ω
VCOMx
NC2
INx
VS
VS
50
Ω
V+
V+
VCOMx
INx
0
0
VS
VIH + 0.5V
tBBM
90%
tBBM
90%
tBBM = tON(NOx) - tOFF(NCx)
or tBBM = tON(NCx) - tOFF(NOx)
GND
tR < 5ns
tF < 5ns
COM1
AS174x
COMx
NCx
or
NOx
CLOAD
1000pF
VOUT
INx
VGEN
50
Ω
V+
V+
VIN
0
V+
ΔVOUT
VOUT
AS1741
AS1742
ΔVOUT is the measured voltage due to charge transfer error Q
when the channel turns off.
Q =
ΔVOUT x CLOAD
GND
RGEN
VIN
AS1741/
AS1742/
AS1743
COMx
NCx or
NOx
INx
V+
V+
As
Required
1MHz
Capacitance
Analyzer
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com