Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1743 Datasheet(PDF) 1 Page - ams AG

Part # AS1743
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1743 Datasheet(HTML) 1 Page - ams AG

  AS1743 Datasheet HTML 1Page - ams AG AS1743 Datasheet HTML 2Page - ams AG AS1743 Datasheet HTML 3Page - ams AG AS1743 Datasheet HTML 4Page - ams AG AS1743 Datasheet HTML 5Page - ams AG AS1743 Datasheet HTML 6Page - ams AG AS1743 Datasheet HTML 7Page - ams AG AS1743 Datasheet HTML 8Page - ams AG AS1743 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1741, AS1742, AS1743
High-Speed, Low-Volta ge, Single-Supply, 0.8
Ω,
Dual SPST Analog Switches
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.78
1 - 15
1 General Description
The AS1741/AS1742/AS1743 are high-speed, low-volt-
age, dual single-pole/single-throw (SPST) analog
switches.
Fast switching speeds, low ON-resistance, and low
power-consumption make these devices ideal for single-
cell battery powered applications.
These highly-reliable devices operate from a single +1.6
to +3.6V supply, and are differentiated by the type and
number of switches as listed in Table 1.
The AS1743 supports break-before-make switching.
With very low ON-resistance (RON), RON matching, and
RON flatness, the devices can accurately switch signals
for sample and hold circuits, digital filters, and op-amp
gain switching networks.
The AS1741/AS1742/AS1743 digital logic input is 1.8V
CMOS-compatible when using a single +3V supply, and
all devices can handle Rail-to-Rail signals.
The devices are available in an 8-pin MSOP package
and an 8-pin SOT23 package.
Figure 1. MSOP Block Diagrams
2 Key Features
!
ON-Resistance:
-0.8
Ω (+3V supply)
-2.5
Ω (+1.8V supply)
!
RON Matching: 0.08
Ω (+3V supply)
!
RON Flatness: 0.18
Ω (+3V supply)
!
Supply Voltage Range: +1.6 to +3.6V
!
Switching Action: tON = 22ns, tOFF = 14ns
!
Current-Handling: 250mA Continuous
!
Break-Before-Make Switching (AS1743)
!
Rail-to-Rail Signal Handling
!
1.8V CMOS Logic Compatible (+3V supply)
!
Total Harmonic Distortion: 0.03%
!
Operating Temperature Range: -40 to +85ºC
!
Package Types:
- 8-pin MSOP
- 8-pin SOT23
3 Applications
The devices are ideal for use in power routing systems,
cordless and mobile phones, MP3 players, CD and DVD
players, PDAs, handheld computers, digital cameras,
hard drives, and any other application where high-speed
signal switching is required.
Table 1. Standard Products
Model
Switch Types
AS1741
Two Normally Open (NO) Switches
AS1742
Two Normally Closed (NC) Switches
AS1743
One NO Switch and One NC Switch
AS1741
AS1743
AS1742
NO1
COM1
IN2
GND
V+
IN1
COM2
NO2
NC1
COM1
IN2
GND
V+
IN1
COM2
NC2
NC2
V+
IN1
COM2
NO1
COM1
IN2
GND


Similar Part No. - AS1743

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1743 AMSCO-AS1743 Datasheet
293Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
AS1743G AMSCO-AS1743G Datasheet
293Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
AS1743G-T AMSCO-AS1743G-T Datasheet
293Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
AS1743H-T AMSCO-AS1743H-T Datasheet
293Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
More results

Similar Description - AS1743

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
January 2002
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 2003
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
logo
ams AG
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
Low-Voltage, Single Supply, Dual SPST Analog Switches
October 18, 2007
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com