Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 11 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 11 Page - ams AG

Back Button AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 11 of 13
A ‘hard’ reset event conditions the slave device as follows:
•
Internal states (counters, flags, …) are reset
•
The slave device’s receiver is desynchronized from the AS-Interface bus
•
The low-side open-drain output stages at ports D3, …, D0 and ports P3, …, P0 are switched off
•
Any test mode will be cancelled
A ‘soft’ reset has the following consequences:
•
A regular, nominal 6µs L-phase strobe is generated on both the DSTBn and PSTBn pin
•
The low-side open-drain output stages at ports D3, …, D0 and ports P3, …, P0 are switched off
•
Internal states (counters, flags, …) are rest, however the following states and operations are not affected:
– the timer function which controls blinking of LED1 and LED2
– the data communication
– any test mode
– any EEPROM write operation
Remark:
If UOUT drops below VCOMOFF = nom. 10V data communication with the AS-Interface bus is aborted by the receiver or transmitter
of the slave device. As long as U5R does not drop below 3.75V in this situation, no ‘hard’ reset takes place; however the data
communication watchdog will be triggered (unless disabled) and a ‘soft’ reset will result.
EEPROM
AS2702 has a 16 x 8 Bits serial interface EEPROM on board to store the slave unit’s address and set-up data in a non-volatile
fashion.
The EEPROM stores the following data:
EEPROM-Address
Data
Relevant No. of Bits
Programmed by
Note
0, 1
Slave Address
5 + 1
Master (Initialization)
1
2
Settings (EID1)
4
Master (Initialization)
3
Settings (IO-Conf.)
5
Slave unit manufacturer
4
Settings (ID)
5
Slave unit manufacturer
5
Settings (EID2)
5
Slave unit manufacturer
6
Settings (Control-Code)
5
Slave unit manufacturer
Note:
1
6 Bits (A4, …, A0 + Sel-bit) in extended address mode: 62 slaves addressable;
5 Bits (A4, …, A0) in non-extended address mode: 31 slaves addressable
Obviously the capacity of the EEPROM is only partially used.
Reading and writing of the EEPROM is performed bytewise and trough temporary, volatile registers.
Writing of data from the volatile register into the EEPROM takes about 10ms per byte, whereas reading takes less than 1ms per
byte.
Upon RESET the EEPROM info is read into temporary register, including the slave’s address which has been written redundantly
into EEPROM locations 0 and 1 before.
The temporary registers receiving the address are compared for similarity; in case of non-similarity – which e.g. may have been
caused by a supply voltage dip during address writing – the slave will flag non-regular operation status/slave address zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com