Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 2 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 2 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 2 of 13
Block Diagram
LTGP
LTGN
UOUT
CDC
U5R
OSC2
OSC1
OSCIL-
LATOR
RECEIVE
TRANSMIT
JABBER
INHIBIT
U5R
U5R
U5R
U5R
V
LTGP-6V
THERMO-
DETECTOR
+
-
+
-
BANDGAP
POR
TRIMMING
U5R
16 x 8 BIT
SERIAL E2PROM
11
IMP_POS
IMP_NEG
RESET
threshold
4
4
LOGIC BLOCK
Figure 1
Block diagram
Pin Assignment and Description
SOIC 20
SOIC 16
Name
Type
Note
Description
Pin No.
Pin No.
1
-
P1
I/O, digital, pull-up 1, 2
Bidir. parameter port bit 1
2
-
P0
I/O, digital, pull-up 1, 2
Bidir. parameter port bit 0
3
1
D1
I/O, digital
Bidir. data port bit 1
4
2
D0
I/O, digital
Bidir. data port bit 0
5
3
DSTBn
I/O, digital, pull-up 1
Data port strobe output; reset-input
6
4
LED1
I/O, digital, pull-up 1
LED output 1 (IC test input)
7
5
OSC2
O, analog
Output to quartz crystal
8
6
OSC1
I, analog
Input from quartz crystal
9
7
U5R
O, power
Nom. 5V power supply output
10
8
LTGN
I, power
Neg. supply pin, connected to neg. AS-Interface bus line,
ground reference
11
9
LTGP
I, power
Pos. supply pin, connected to pos. AS-Interface bus line
12
10
CDC
I/O, analog
Pin for ext. buffer capacitor
13
11
UOUT
O, power
Nom. 24V power supply output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com