Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 12 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 12 Page - ams AG

Back Button AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 12 of 13
AS-Interface Bus Communication
All slaves connected to an AS-Interface bus are sequentially and cyclicly called by the master in a string of individual transactions
between the master and each slave unit.
A transaction consists of a 14 bits master request, typically containing the slave’s address as well as data or parameter info, and an
immediate acknowledging slave response of 7 bits.
The 14 bits master request – apart from Start Bit ST = 0 and End Bit EB = 1 – has the following contents:
•
1 Control Bit CB:
CB = 0 stands for data transfer (typ. data or parameters)
CB = 1 identifies command-type requests
•
5 Address Bits:
A4, …, A0
•
5 Information Bits:
I4, …, I0 (typ. data or parameters)
•
1 Parity Bit PB
AS2702 allows for up to 62 slaves on the same AS-Interface bus; this requires a slave address extended to 6 bits, hence an extra
bit beyond A4, …, A0.
Information bit I3 is used as the 6th address bit in this so-called extended address mode. It is called Sel-bit, as it is perceived as to
select between A-slave (Sel = 0) and B-slave (Sel = 1) at address location A4, …, A0.
In non-extended address mode AS2702 is addressed with A4, …, A0 only – for a max. total of 31 slaves per AS-Interface bus
system, and is system compatible with existing slave device AS2701A.
The 7 bits slave response – apart from Start Bit ST = 0 and End Bit EB = 1 – has the following contents:
•
4 Information Bits:
I4, …, I0 (typ. data or parameters)
•
1 Parity Bit PB
Application Support
For general information and documentation on the AS-Interface concept you may contact the AS-Interface Association:
AS-International Association
Zum Taubengarten 52
D-63571 Gelnhausen
Tel.: +49-6051-473212
Fax: +49-6051-473282
e-mail: info@as-interface.net
http://www.as-interface.net
Ordering Information
AS2702-20T
Package:
SOIC 20; delivery: tape & reel
AS2702-16T
Package:
SOIC 16W; delivery: tape & reel; no parameter port available
AS2702-20
Package:
SOIC 20; delivery: tubes
AS2702-16
Package:
SOIC 16W; delivery: tubes; no parameter port available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com