Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1213 Datasheet(PDF) 3 Page - Electronic Film Capacitors, Inc.

Part # SP1213
Description  METALLIZED POLYPROPYLENE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

SP1213 Datasheet(HTML) 3 Page - Electronic Film Capacitors, Inc.

  SP1213 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 4Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
_ .050"
<
><
L _.050"
>
D
L
ELECTRONIC FILM CAPACITORS, INC.
PHONE (203) 755-5629
FAX (203) 755-0659
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
METALLIZED POLYPROPYLENE SNUBBER DESIGN
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.00
1.20
1.50
CAP.
µµµµµF
inches (mm) inches (mm)
850VDC/450VAC
0.38 (9.8)
0.45 (11.6)
0.55 (14.0)
0.65 (16.6)
0.71 (18.0)
0.78 (19.8)
0.85 (21.7)
0.94 (23.9)
1.03 (26.2)
1.15 (29.2)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
SP1213TC
Rev. 4/97
1.625"
Min.
+
SP1213TC
+
D
D
L
CAP.
µµµµµF
inches (mm)
inches (mm)
1200VDC/500VAC
0.42 (10.8)
0.51 (12.9)
0.61 (15.7)
0.73 (18.6)
0.79 (20.2)
0.87 (22.2)
0.96 (24.4)
1.06 (26.8)
1.15 (29.4)
1.29 (32.8)
D
L
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.22
0.33
0.47
0.56
CAP.
µµµµµF
inches (mm) inches (mm)
2000VDC/660VAC
0.39 (9.9)
0.42 (10.7)
0.46 (11.7)
0.50 (12.7)
0.55 (14.0)
0.60 (15.2)
0.67 (16.9)
0.80 (20.4)
0.98 (24.9)
1.16 (29.6)
1.27 (32.3)
I
(PEAK)
amps
I
(RMS)
amps
ESL
nH
dV/dT
V/
µµµµµS
I
(PEAK)
amps
I
(RMS)
amps
ESL
nH
dV/dT
V/
µµµµµS
I
(PEAK)
amps
I
(RMS)
amps
ESL
nH
dV/dT
V/
µµµµµS
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.00
1.20
1.50
49
72
107
153
182
221
267
325
390
488
4.50
4.63
5.25
5.50
6.00
6.25
6.25
6.50
6.50
6.50
45
45
45
45
40
35
30
30
30
30
29
26
23
16
14
12
11
9
7
5
325
325
325
325
325
325
325
325
325
325
90
132
198
282
336
408
492
600
720
900
4.5
5.3
6.3
6.5
6.8
7.0
7.0
7.0
7.0
7.0
45
45
45
45
40
35
30
30
30
30
22
15
10
7
6
5
4
3
3
2
600
600
600
600
600
600
600
600
600
600
40
48
58
70
85
102
128
187
281
400
476
4.5
4.5
4.5
4.5
5.0
5.5
6.0
6.5
7.0
7.0
7.0
45
45
45
45
45
45
45
35
26
25
25
40
34
28
23
19
16
13
9
6
4
3
850
850
850
850
850
850
850
850
850
850
850
DIMENSIONS
AND
RATINGS
Leads - 18 AWG
Tinned Copper
100
kHz
ESR
(((((mΩ
Ω
Ω
Ω
Ω)))))
100
kHz
ESR
(((((mΩ
Ω
Ω
Ω
Ω)))))
100
kHz
ESR
(((((mΩ
Ω
Ω
Ω
Ω)))))



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com