Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1213 Datasheet(PDF) 4 Page - Electronic Film Capacitors, Inc.

Part # SP1213
Description  METALLIZED POLYPROPYLENE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

SP1213 Datasheet(HTML) 4 Page - Electronic Film Capacitors, Inc.

  SP1213 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 4Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
<
L _ .050"
>
DIMENSIONS and RATINGS
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
SP1213TCQ
ELECTRONIC FILM CAPACITORS, INC.
Tubular
Wrap and Fill
Snubber Capacitors
Metallized Polypropylene
NOTE:
Maximum ripple current ratings, I
RMS, apply at 100 kHz at 25°C.
EFC
SP1213TCQ
+
_
.050"
+
D
QUICK CONNECT TERMINALS
(.032 x .250 x .250)
1.0
2.0
3.0
5.0
10.0
20.0
30.0
D
L
Lead
Dia.
100 VDC
100
kHz
ESR
(((((mΩ
Ω
Ω
Ω
Ω)))))
200 VDC
400 VDC
D
L
Lead
Dia.
I
RMS
(Amps)
D
L
Lead
Dia.
.781
.906
.906
1.250
1.531
2.250
2.250
15
12
11
9
8
7
6
1.250
1.250
1.531
1.781
2.250
2.250
20
15
13
11
9
6
.520
.700
.750
.870
1.030
1.450
1.531
1.781
1.781
2.250
2.250
19
15
12
10
7
.720
.900
1.090
1.190
1.700
Cap.
µµµµµF
.032
.032
.040
.040
.040
.040
.040
.032
.032
.040
.040
.040
.040
.032
.040
.040
.040
.040
.580
.630
.750
.780
.940
1.050
1.250
I
RMS
(Amps)
I
RMS
(Amps)
100
kHz
ESR
(((((mΩ
Ω
Ω
Ω
Ω)))))
100
kHz
ESR
(((((mΩ
Ω
Ω
Ω
Ω)))))
10.0
12.0
13.0
15.0
18.0
22.0
24.0
8.0
14.5
16.0
18.5
22.5
27.5
10.0
15.0
21.0
24.5
30.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com