Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1213 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # SP1213
Description  METALLIZED POLYPROPYLENE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

SP1213 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  SP1213 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. SP1213 Datasheet HTML 4Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
SP1213
EFC Series SP1213 are metallized polypropylene capacitors in a wrap and fill construction.
Special metallization and high-tech terminations allow these capacitors to operate at up to 30
Amps ripple current at frequencies up to 100 kHz. SP1213 exhibit little or no capacitance
rolloff, when compared to electrolytics, at these high frequencies.
SPECIFICATIONS
METALLIZED POLYPROPYLENE
HI-TECH CAPACITOR TECHNOLOGY MEETS THE
DEMAND OF TODAY'S HI-TECH SWITCH-MODE POWER SUPPLIES
PHONE (203) 755-5629
FAX (203) 755-0659
LOW
ESR
1. TEMPERATURE RANGE:
-55°C to +85°C at full voltage ratings.
To 105°C with 25% voltage derating.
4. INSULATION RESISTANCE:
150,000 Megohm-Microfarads (need
not exceed 300,000 Megohms) when
measured at rated voltage at 25°C.
CASE CODE
TC - WRAP & FILL - ROUND - AXIAL
CAPACITANCE
IN MICROFARADS (
µµµµµF)
VOLTAGE
1.6 - 160 VDC
2.5 - 250 VDC
4
- 400 VDC
6.3 - 630 VDC
SIZE CODE
3 - STANDARD
X - NON-STANDARD
TOLERANCE
1 - 1%
2 - 2%
5 - 5%
ETC.
DIELECTRIC CODE
1213 - METALLIZED POLYPROPYLENE
CATALOG NOMENCLATURE
SP 1213 TC Q - 3 - 1.0 - 2 - 5
OPTION
SWITCH MODE POWER SUPPLY
Low ESR and high current rating. Specify with the prefix SP.
OMIT FOR SOLID WIRE;
INCLUDE FOR QUICK CONNECT TERMINALS
LEADS
5. ESR:
See Dimensions and Ratings Tables.
3. DISSIPATION FACTOR (1 kHz):
0.1% maximum when measured at 25°C.
2. CAPACITANCE TOLERANCES:
+ 1%, 2%, 5%, 10%, 20%.


Similar Part No. - SP1213

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SP1213N SAMSUNG-SP1213N Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
logo
Electronic Film Capacit...
SP1213TC EFC-SP1213TC Datasheet
14Kb / 1P
Snubber Capacitors Metallized Polypropylene
More results

Similar Description - SP1213

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
logo
List of Unclassifed Man...
DCP6I06780E000XXXX ETC2-DCP6I06780E000XXXX Datasheet
154Kb / 3P
Metallized Polypropylene
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
Metallized Polypropylene Capacitors
logo
Kemet Corporation
C9TS5MD5311AARX KEMET-C9TS5MD5311AARX Datasheet
72Kb / 1P
Metallized Polypropylene
C9TS5MD5770AARX KEMET-C9TS5MD5770AARX Datasheet
72Kb / 1P
Metallized Polypropylene
C9TS5MD5920AARX KEMET-C9TS5MD5920AARX Datasheet
72Kb / 1P
Metallized Polypropylene
C9TS5MD6154AARX KEMET-C9TS5MD6154AARX Datasheet
72Kb / 1P
Metallized Polypropylene
C9TS6MD5685AARX KEMET-C9TS6MD5685AARX Datasheet
72Kb / 1P
Metallized Polypropylene
C9TS6MD5830AARX KEMET-C9TS6MD5830AARX Datasheet
73Kb / 1P
Metallized Polypropylene
C9TS6MD6137AARX KEMET-C9TS6MD6137AARX Datasheet
72Kb / 1P
Metallized Polypropylene
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com