Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043ASSU Datasheet(PDF) 13 Page - ams AG

Part # AS5043ASSU
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043ASSU Datasheet(HTML) 13 Page - ams AG

Back Button AS5043ASSU Datasheet HTML 9Page - ams AG AS5043ASSU Datasheet HTML 10Page - ams AG AS5043ASSU Datasheet HTML 11Page - ams AG AS5043ASSU Datasheet HTML 12Page - ams AG AS5043ASSU Datasheet HTML 13Page - ams AG AS5043ASSU Datasheet HTML 14Page - ams AG AS5043ASSU Datasheet HTML 15Page - ams AG AS5043ASSU Datasheet HTML 16Page - ams AG AS5043ASSU Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AS5043
Data Sheet – Programming the AS5043
www.austriamicrosystems.com
Revision 1.80
13 – 36
Figure 11: Complete OTP Programming Sequence
Data
CSn
Prog
CLKPROG
7.5V
VDD
tLoad PROG
tPROG finished
Write Data
Power Off
Programming Mode
tPROG
tPrgH
VProgOff
tPrgR
0V
116
Figure 12: OTP Programming Hardware Connection of AS5043 (shown with AS5043 demoboard)
12.1 Zero Position Programming
The AS5043 allows easy assembly of the system, as the actual angle of the magnet does not need to be considered. By
OTP programming, any position can be assigned as the new permanent zero position with an accuracy of 0.35° (all
modes).
Using the same procedure, the AS5043 can be calibrated to assign a given output voltage to a given angle. With this
approach, all offset errors (DAC + OPAMP) are also compensated for the calibrated position.
Essentially, for a given mechanical position, the angular measurement system is electrically rotated (by changing the
Zero Position value in the OTP register), until the output matches the desired mechanical position.
The example in Figure 13 below shows a configuration for 5V supply voltage and 10%-90% output voltage range. It
adjusted by Zero Position Programming to provide an analog output voltage of 2.0 Volts at an angle of 180°. The slope of
the curve may be further adjusted by changing the gain of the OPAMP output stage and by selecting the desired angular
range (360°/180°/90°/45°).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com