Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043ASSU Datasheet(PDF) 33 Page - ams AG

Part # AS5043ASSU
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043ASSU Datasheet(HTML) 33 Page - ams AG

Back Button AS5043ASSU Datasheet HTML 28Page - ams AG AS5043ASSU Datasheet HTML 29Page - ams AG AS5043ASSU Datasheet HTML 30Page - ams AG AS5043ASSU Datasheet HTML 31Page - ams AG AS5043ASSU Datasheet HTML 32Page - ams AG AS5043ASSU Datasheet HTML 33Page - ams AG AS5043ASSU Datasheet HTML 34Page - ams AG AS5043ASSU Datasheet HTML 35Page - ams AG AS5043ASSU Datasheet HTML 36Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AS5043
Data Sheet – Electrical Characteristics
www.austriamicrosystems.com
Revision 1.80
33 – 36
Parameter
Symbol
Min
Typ
Max
Unit Note
Load programming data
t Load PROG
3
µs
Rise time of VPROG before CLK
PROG
t PrgR
0
µs
Hold time of VPROG after CLK
PROG
t PrgH
0
5
µs
Write data – programming
CLK PROG
CLK PROG
250
kHz
CLK pulse width
t PROG
1.8
2
2.2
µs
During programming; 16 clock
cycles
Hold time of Vprog after
programming
t PROG finished
2
µs
Programmed data is available after
next power-on
Programming voltage
V PROG
7.3
7.4
7.5
V
Must be switched off after zapping
Programming voltage off level
V ProgOff
0
1
V
Line must be discharged to this
level
Programming current
I PROG
130
mA
During programming
Analog read CLK
CLKAread
100
kHz Analog readback mode
Programmed zener voltage
(log.1)
Vprogrammed
100
mV
Unprogrammed zener voltage
(log. 0)
Vunprogrammed
1
V
VRef-VPROG during analog readback
mode (see 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com