Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043ASSU Datasheet(PDF) 25 Page - ams AG

Part # AS5043ASSU
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043ASSU Datasheet(HTML) 25 Page - ams AG

Back Button AS5043ASSU Datasheet HTML 21Page - ams AG AS5043ASSU Datasheet HTML 22Page - ams AG AS5043ASSU Datasheet HTML 23Page - ams AG AS5043ASSU Datasheet HTML 24Page - ams AG AS5043ASSU Datasheet HTML 25Page - ams AG AS5043ASSU Datasheet HTML 26Page - ams AG AS5043ASSU Datasheet HTML 27Page - ams AG AS5043ASSU Datasheet HTML 28Page - ams AG AS5043ASSU Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AS5043
Data Sheet – Angular Output Tolerances
www.austriamicrosystems.com
Revision 1.80
25 – 36
Figure 23: Example of Linearity Error over 360°
18.3 Transition Noise
Transition noise is defined as the jitter in the transition between two steps.
Due to the nature of the measurement principle (Hall sensors + Preamplifier + ADC), there is always a certain degree of
noise involved.
This transition noise voltage results in an angular transition noise at the outputs. It is specified as 0.06 degrees rms
(1 sigma)
*1 in fast mode (pin MODE = high) and 0.03 degrees rms (1 sigma)*1 in slow mode (pin MODE = low or open).
These values are the repeatability of an indicated angle at a given mechanical position.
The transition noise has different implications on the type of output that is used:
absolute output; SSI interface:
The transition noise of the absolute output can be reduced by the user by applying an averaging of readings. An
averaging of 4 readings will reduce the transition noise by 6dB or 50%, e.g. from 0.03°rms to 0.015°rms (1
sigma) in slow mode
analog output:
Ideally, the analog output should have a jitter that is less than one digit. In 360° mode, both fast or slow mode
may be selected for adequate low jitter.
In 180°, 90° or 45° mode, where the step sizes are smaller, slow mode should be selected to reduce the output
jitter.
*1: statistically, 1 sigma represents 68.27% of readings,
3 sigma represents 99.73% of readings.
18.4 High Speed Operation
18.4.1 Sampling Rate
The AS5043 samples the angular value at a rate of 10.42k samples per second (ksps) in fast mode and 2.61ksps in slow
mode.
Consequently, a new reading is performed each 96µs. (fast mode) or 384µs (slow mode).
At a stationary position of the magnet, this sampling rate creates no additional error.
Absolute Mode:
With the given sampling rates, the number of samples (n) per turn for a magnet rotating at high speed can be calculated
by
s
rpm
n
μ
96
60
⋅
=
for fast mode
Linearity Error with Centered Magnet [degrees]
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55
109 163 217 271 325 379 433 487 541 595 649 703 757 811 865 919 973
transition noise
Err max
Err min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com