Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 11 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 11 Page - ams AG

Back Button AS5046_1 Datasheet HTML 7Page - ams AG AS5046_1 Datasheet HTML 8Page - ams AG AS5046_1 Datasheet HTML 9Page - ams AG AS5046_1 Datasheet HTML 10Page - ams AG AS5046_1 Datasheet HTML 11Page - ams AG AS5046_1 Datasheet HTML 12Page - ams AG AS5046_1 Datasheet HTML 13Page - ams AG AS5046_1 Datasheet HTML 14Page - ams AG AS5046_1 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 11 of 33
Notes:
1)
This address is also modified with the analog mode setting
2)
Writing a value to any of the SIN- COS- registers halts the conversion loop and calculates an angle that is given by the
values in the SIN and COS registers. A Read command from these registers restarts the automatic conversion loop.
3)
Writing a value to the AGC counter register halts the automatic gain control loop and sets the AGC to the value written
in this register. The angle conversion loop continues to operate. A Read command from the AGC register restarts the
automatic gain control loop.
9.1
Serial Interface Unit (Type ID: 0101)
The Serial Interface Unit contains 32 bits of data:
Note that the angle information is only valid, if the Hall Sensor Front-end is configured properly. See Table 4 for more
information.
9.1.1
12-bit Angle Information
the 12-bit angle data consists of two blocks: the upper 10-bits in bytes 1 & 2 and the lower two bits in byte 4
9.1.2
6-bit Status Information
Status bit 1
SIU bit 11
Offset Comp Finish
OCF
must be 1 for valid data
Status bit 2
SIU bit 12
CORDIC Over Flow
COF
must be 0; if this bit is set, the
angular data is invalid
Status bit 3
SIU bit 13
Lin Alarm
LIN
LINearity warning bit. Should be 0
for normal operation. Will be 1 when
the magnetic field is too high or too
low
Status bit 4
SIU bit 14
Mag Incr.
M_I
This bit is set temporarily when the
magnetic field increases, when the
magnet is pushed towards the IC
Status bit 5
SIU bit 15
Mag Decr.
M_D
This bit is set temporarily when the
magnetic field decreases, when the
magnet is pulled away from the IC
Status bit 6
SIU bit 16
Even Parity
P
Even parity check bit of bytes 1 & 2
Table 3: Status bits of byte 2 of the SIU
9.1.3
8-bit Magnitude Information
The magnitude information is a value that is proportional to the magnetic field strength. A strong magnet (or close distance
between magnet and chip) will result in a high magnitude value and vice versa. When the automatic gain control (AGC) is
active (default state), it tries to keep the magnitude value stable at a value of 3FH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com