Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 13 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 13 Page - ams AG

Back Button AS5046_1 Datasheet HTML 9Page - ams AG AS5046_1 Datasheet HTML 10Page - ams AG AS5046_1 Datasheet HTML 11Page - ams AG AS5046_1 Datasheet HTML 12Page - ams AG AS5046_1 Datasheet HTML 13Page - ams AG AS5046_1 Datasheet HTML 14Page - ams AG AS5046_1 Datasheet HTML 15Page - ams AG AS5046_1 Datasheet HTML 16Page - ams AG AS5046_1 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 13 of 33
9.3
Hall Sensor Front-End Configuration
The default configuration for the Hall Sensor Front-End is set for angle measurement. This configuration must always be
programmed when an angle should be measured and read from the Serial Interface Unit register.
Addr
testEN
SenseEN
NC
NC
COS_EN
SIN_EN
Inv
PD
FE0
000
0
1
0
0
0
1
0
0
FE1
001
0
1
0
0
0
1
0
0
FE2
010
0
1
0
0
1
0
0
0
FE3
011
0
1
0
0
1
0
0
0
FE4
100
0
1
0
0
0
1
1
0
FE5
101
0
1
0
0
0
1
1
0
FE6
110
0
1
0
0
1
0
1
0
FE7
111
0
1
0
0
1
0
1
0
Table 4: Hall Sensor Front-End default configuration
The following configuration example selects Hall Sensor 0 and assigns it to the SIN signal bus:
Addr
testEN
SenseEN
NC
NC
COS_EN
SIN_EN
Inv
PD
FE0
000
0
1
0
0
0
1
0
0
FE1
001
0
0
0
0
0
0
0
0
FE2
010
0
0
0
0
0
0
0
0
FE3
011
0
0
0
0
0
0
0
0
FE4
100
0
0
0
0
0
0
0
0
FE5
101
0
0
0
0
0
0
0
0
FE6
110
0
0
0
0
0
0
0
0
FE7
111
0
0
0
0
0
0
0
0
Table 5: Example: Readout of a single Hall Sensor (Sensor #0)
This example uses two opposite Hall sensors 1 and 5 in differential mode and assigns the resulting signal to the COS signal
bus:
Addr
testEN
SenseEN
NC
NC
COS_EN
SIN_EN
Inv
PD
FE0
000
0
0
0
0
0
0
0
0
FE1
001
0
1
0
0
1
0
0
0
FE2
010
0
0
0
0
0
0
0
0
FE3
011
0
0
0
0
0
0
0
0
FE4
100
0
0
0
0
0
0
0
0
FE5
101
0
1
0
0
1
0
1
0
FE6
110
0
0
0
0
0
0
0
0
FE7
111
0
0
0
0
0
0
0
0
Table 6: Example: Differential measurement of two opposite Hall Sensors (#1 and 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com