Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 21 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 21 Page - ams AG

Back Button AS5046_1 Datasheet HTML 17Page - ams AG AS5046_1 Datasheet HTML 18Page - ams AG AS5046_1 Datasheet HTML 19Page - ams AG AS5046_1 Datasheet HTML 20Page - ams AG AS5046_1 Datasheet HTML 21Page - ams AG AS5046_1 Datasheet HTML 22Page - ams AG AS5046_1 Datasheet HTML 23Page - ams AG AS5046_1 Datasheet HTML 24Page - ams AG AS5046_1 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 21 of 33
Data
CSn
Prog
SCL
7.5V
VDD
tLoad PROG
tPROG finished
Write Data
Power Off
Programming Mode
tPROG
tPrgH
VProgOff
tPrgR
0V
116
Figure 14: Complete OTP programming sequence
Figure 15: OTP programming hardware connection of AS5046 (shown with AS5046 demoboard)
12.1 Zero Position Programming
The AS5046 allows easy assembly of the system, as the
actual angle of the magnet does not need to be
considered. By OTP programming, any position can be
assigned as the new permanent zero position with an
accuracy of 0.35° (all modes).
Using the same procedure, the AS5046 can be calibrated
to assign a given output voltage to a given angle. With
this approach, all offset errors (DAC + OPAMP) are also
compensated for the calibrated position.
Essentially, for a given mechanical position, the angular
measurement system is electrically rotated (by changing
the Zero Position value in the OTP register), until the
output matches the desired mechanical position.
The example in Figure 16 below shows a configuration
for 5V supply voltage and 10%-90% output voltage
range. It adjusted by Zero Position Programming to
provide an analog output voltage of 2.0 Volts at an angle
of 180°. The slope of the curve may be further adjusted
by changing the gain of the OPAMP output stage and by
selecting the desired angular range (360°/180°/90°/45°).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com