Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046ASSU Datasheet(PDF) 12 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 12 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 8Page - ams AG AS5046ASSU Datasheet HTML 9Page - ams AG AS5046ASSU Datasheet HTML 10Page - ams AG AS5046ASSU Datasheet HTML 11Page - ams AG AS5046ASSU Datasheet HTML 12Page - ams AG AS5046ASSU Datasheet HTML 13Page - ams AG AS5046ASSU Datasheet HTML 14Page - ams AG AS5046ASSU Datasheet HTML 15Page - ams AG AS5046ASSU Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 12 of 33
9.2
Hall Sensor Front End (Type ID: 0001)
The Hall Sensor Front End allows configuration of each Hall Sensor. Each sensor can be disabled or connected to either the
SIN or COS signal bus. Additionally, each sensor can be inverted for differential measurement.
Each Hall Sensor is selected through a device address for the type identifier 0001,
address 000 selects Hall Sensor H0 (see Figure 8)
address 111 selects Hall Sensor H7 (see Figure 8)
Figure 8: Location of Hall Elements on chip (top view)
Note: If the magnet is placed like shown in Figure 8 the encoder reading will be of zero.
For each Hall Sensor, the corresponding Front End contains 8 bits
Type ID: 0001
Byte1
Addr. 000…111
TestEN
SenseEN
NC
NC
COS_EN
SIN_EN
INV
PD
TestEN:
always set to 0
SenseEN:
set to 1 for enabled Hall Elements, set to 0 for disabled Hall Elements
COS_EN:
set to 0 for disabled Hall Elements, set to 1 if this Hall Element should be added to the COS signal bus. It
is also possible to enable multiple Hall sensors to this bus
SIN_EN:
set to 0 for disabled Hall Elements, set to 1 if this Hall Element should be added to the SIN signal bus. It
is also possible to enable multiple Hall sensors to this bus
INV:
set to 1 if the Hall Element should be inverted for differential measurement. set to 0 if the Hall Element
should not be inverted
PD:
set to 0 for normal operation, set to 1 if the Hall Sensor should be powered down.
Note: When enabling or disabling individual Hall elements to the SIN- and COS- signal buses it is recommended
to allow several milliseconds (typ. 5ms) of dwelling time until the signal is stable and eventual offsets are
compensated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com