Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046ASSU Datasheet(PDF) 30 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 30 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 25Page - ams AG AS5046ASSU Datasheet HTML 26Page - ams AG AS5046ASSU Datasheet HTML 27Page - ams AG AS5046ASSU Datasheet HTML 28Page - ams AG AS5046ASSU Datasheet HTML 29Page - ams AG AS5046ASSU Datasheet HTML 30Page - ams AG AS5046ASSU Datasheet HTML 31Page - ams AG AS5046ASSU Datasheet HTML 32Page - ams AG AS5046ASSU Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 30 of 33
The maximum non-linearity error on this example is
better than
±1 degree (inner circle) over a misalignment
radius of ~0.7mm. For volume production, the placement
tolerance of the IC within the package (
±0.235mm) must
also be taken into account.
The total nonlinearity error over process tolerances,
temperature and a misalignment circle radius of 0.25mm
is specified better than
±1.4 degrees.
The magnet used for this measurement was a cylindrical
NdFeB (Bomatec® BMN-35H) magnet with 6mm diameter and
2.5mm in height.
Figure 26: Example of linearity error over 360°
18.3 Transition Noise
Transition noise is defined as the jitter in the transition
between two steps.
Due to the nature of the measurement principle (Hall
sensors + Preamplifier + ADC), there is always a certain
degree of noise involved.
This transition noise voltage results in an angular
transition noise at the outputs. It is specified as 0.06
degrees rms (1 sigma)*1 in fast mode (pin MODE = high)
and 0.03 degrees rms (1 sigma)*1 in slow mode (pin
MODE = low or open).
These values are the repeatability of an indicated angle
at a given mechanical position.
The transition noise has different implications on the type
of output that is used:
absolute output; serial interface:
The transition noise of the absolute output can
be reduced by the user by applying an
averaging of readings. An averaging of 4
readings will reduce the transition noise by 6dB
or 50%, e.g. from 0.03°rms to 0.015°rms (1
sigma) in slow mode
analog output:
Ideally, the analog output should have a jitter
that is less than one digit. In 360° mode, both
fast or slow mode may be selected for adequate
low jitter.
In 180°, 90° or 45° mode, where the step sizes
are smaller, slow mode should be selected to
reduce the output jitter.
*1
: statistically, 1 sigma represents 68.27% of readings,
3 sigma represents 99.73% of readings.
18.4 High Speed Operation
18.4.1 Sampling Rate
The AS5046 samples the angular value at a rate of
10.42k samples per second (ksps) in fast mode and
2.61ksps in slow mode.
Consequently, a new reading is performed each 96µs.
(fast mode) or 384µs (slow mode).
At a stationary position of the magnet, this sampling rate
creates no additional error.
Absolute Mode:
With the given sampling rates, the number of samples (n)
per turn for a magnet rotating at high speed can be
calculated by
s
rpm
n
μ
96
60
⋅
=
for fast mode
s
rpm
n
μ
384
60
⋅
=
for slow mode
linearity error with centered magnet
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55 109 163 217 271 325 379 433 487 541 595 649 703 757 811 865 919 973
transition noise
Err max
Errmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com