Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046ASSU Datasheet(PDF) 1 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 1 Page - ams AG

  AS5046ASSU Datasheet HTML 1Page - ams AG AS5046ASSU Datasheet HTML 2Page - ams AG AS5046ASSU Datasheet HTML 3Page - ams AG AS5046ASSU Datasheet HTML 4Page - ams AG AS5046ASSU Datasheet HTML 5Page - ams AG AS5046ASSU Datasheet HTML 6Page - ams AG AS5046ASSU Datasheet HTML 7Page - ams AG AS5046ASSU Datasheet HTML 8Page - ams AG AS5046ASSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Revision 1.1
www.austriamicrosystems.com
Page 1 of 33
1 General Description
The AS5046 is a contactless magnetic angle encoder for
accurate measurement up to 360°.
It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
The AS5046 provides a digital serial 12-bit as well as a
programmable 10-bit ratiometric analog output that is
directly proportional to the angle of a magnet, rotating
over the chip.
In addition, the serial interface enables a user
configurable arrangement of the Hall array and allows
access to each individual Sensor of the Hall Array.
The AS5046 also provides high resolution information of
the magnetic field strength, respectively the vertical
distance of the magnet, thus adding excellent state-of-
health information of the overall system.
An internal voltage regulator allows operation of the
AS5046 from 3.3V or 5.0V supplies.
Figure 1: Typical arrangement of AS5046 and magnet
Benefits
•
Complete system-on-chip
•
High reliability due to non-contact sensing
•
Bi-directional 2-wire interface
•
Programmable ratiometric analog output
•
Ideal for application s in harsh environments
•
Robust system, tolerant to magnet misalignment,
airgap variations, temperature variations and
external magnetic fields
•
No calibration required
2 Key Features
• 360° contactless high resolution angular position encoding
• User programmable zero position
• 12-bit 2-wire serial interface
• Versatile analog output
programmable angular range up to 360°
programmable ratiometric output voltage range
• High resolution magnet distance indication
256 steps within recommended range (~0.5 to 1.8mm)
256 steps over extended range (~0 to 5mm)
• Mode input for optimizing noise vs. speed
• Alignment mode for magnet placement guidance
• Wide temperature range: - 40°C to + 125°C
• Small package: SSOP 16 (5.3mm x 6.2mm)
3 Applications
The AS5046 is ideal for applications that require high
resolution, a minimum of wires between controller and
sensor and where the vertical distance of the magnet is
of importance:
•
Remote sensors
•
Rotate-and-push manual input devices
•
Joysticks
•
Applications with extended safety requirements
regarding magnet distance
Figure 2: AS5046 block diagram
AS5046
PROGRAMMABLE 12-bit 360° MAGNETIC ANGLE ENCODER
WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PRELIMINARY DATA SHEET
DSP
Hall Array
&
Frontend
Amplifier
OTP
Register
Programming
Parameters
Sin
Cos
Ang
Mag
MagRNGn
Mode
CSn
SCL
FB
Vout
Prog_DI
SDA
10bit
DAC
+
-
10
DACout
DACref
12
8
12
14-bit
ADC
14-bit
ADC
Hall
Sensor
switch
matrix
12
12
8
Range
preselect
Absolute
Interface
(I²C)
AGC
8
AS5046


Similar Part No. - AS5046ASSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
More results

Similar Description - AS5046ASSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com