Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145 Datasheet(PDF) 16 Page - ams AG

Part # AS5145
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145 Datasheet(HTML) 16 Page - ams AG

Back Button AS5145 Datasheet HTML 12Page - ams AG AS5145 Datasheet HTML 13Page - ams AG AS5145 Datasheet HTML 14Page - ams AG AS5145 Datasheet HTML 15Page - ams AG AS5145 Datasheet HTML 16Page - ams AG AS5145 Datasheet HTML 17Page - ams AG AS5145 Datasheet HTML 18Page - ams AG AS5145 Datasheet HTML 19Page - ams AG AS5145 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
16 - 36
AS5145
Data Sheet - D e t a i l e d D e s c r i p t i o n
Incremental Output Validity. During power on the incremental output is kept stable high until the offset compensation is finished and the
CSn is low (internal Pull Up) the first time. In quadrature mode A = B = Index = high indicates an invalid output. If the interpolator recognizes a
difference larger than 128 steps between two samples it holds the last valid state. The interpolator synchronizes up again with the next valid
difference. This avoids undefined output burst, e.g. if no magnet is present.
8.1.3 Sync Mode
This mode is used to synchronize the external electronic with the AS5145. In this mode two signals are provided at the pins DTEST1_A and
DTEST2_B. By setting of Md0=1 and Md1=1 in the OTP register, the Sync Mode will be activated.
Figure 8. DTest1_A and DTest2_B
Every rising edge at DTEST1_A indicates that new data in the device is available. With this signal it is possible to trigger an external customer
Microcontroller (interrupt) and start the SSI readout. DTEST2_B indicates the phase of available data.
8.1.4 Sin/Cosine Mode
This mode can be enabled by setting the OTP Factory-bit FS2. If this mode is activated the 16 bit sinus and 16 bit cosines digital data of both
channels will be switched out. Due to the high resolution of 16 bits of the data stream an accurate calculation can be done externally. In this
mode the open drain outputs of DTEST1_A and DTEST2_B are switched to push-pull mode. At Pin MagDECn the clock impulse, at Pin
MagINCn the Enable pulse will be switched out. The Pin PWM indicates, which phase of signal is being presented. The mode isn’t available in
the default mode.
8.1.5 Daisy Chain Mode
The Daisy Chain mode allows connection of several AS5145s in series, while still keeping just one digital input for data transfer (see “Data IN” in
Figure 9). This mode is accomplished by connecting the data output (DO; pin 9) to the data input (PDIO; pin 8) of the subsequent device. The
serial data of all connected devices is read from the DO pin of the first device in the chain. The length of the serial bit stream increases with every
connected device, it is n * (18+1) bits: n= number of devices. e.g. 38 bit for two devices, 57 bit for three devices, etc.
The last data bit of the first device (Parity) is followed by a dummy bit and the first data bit of the second device (D11), etc. (see Figure 10).
Figure 9. Daisy Chain Hardware Configuration
DTest1_A
DTest1_B
400µs (100µs)
CSn
CSn
CSn
CSn
CLK
CLK
CLK
CLK
Data IN
AS5145
1
st Device
AS5145
2
nd Device
AS5145
last Device
µC
DO
DO
DO
PDIO
PDIO
PDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com