Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145 Datasheet(PDF) 1 Page - ams AG

Part # AS5145
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145 Datasheet(HTML) 1 Page - ams AG

  AS5145 Datasheet HTML 1Page - ams AG AS5145 Datasheet HTML 2Page - ams AG AS5145 Datasheet HTML 3Page - ams AG AS5145 Datasheet HTML 4Page - ams AG AS5145 Datasheet HTML 5Page - ams AG AS5145 Datasheet HTML 6Page - ams AG AS5145 Datasheet HTML 7Page - ams AG AS5145 Datasheet HTML 8Page - ams AG AS5145 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
AS5145/AS5145A/AS5145B
12-Bit Programmable Magnetic Rotary Encoder
www.austriamicrosystems.com/AS5145
Revision 1.10
1 - 36
Data Sheet
1 General Description
The AS5145 is a contact less magnetic rotary encoder for accurate
angular measurement over a full turn of 360 degrees.
It is a system-on-chip, combining integrated Hall elements, analog
front end and digital signal processing in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip, is required. The magnet may be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.0879º = 4096
positions per revolution. This digital data is available as a serial bit
stream and as a PWM signal.
An internal voltage regulator allows the AS5145 to operate at either
3.3V or 5V supplies.
2 Key Features
Contact less high resolution rotational position encoding over a
full turn of 360 degrees
Two digital 12 bit absolute outputs:
- Serial interface
- Pulse width modulated (PWM) output
Figure 1. AS5145 Automotive Rotary Encoder IC
Three incremental outputs
Quadrature A/B (10 or 12 bit) and Index output signal (pre-
programmed versions available AS5145A for 10 bit and
AS5145B for 12 bit)
User programmable zero position
Failure detection mode for magnet placement, monitoring, and
loss of power supply
Red-Yellow-Green indicators display placement of magnet in Z-
axis
Serial read-out of multiple interconnected AS5145 devices
using Daisy Chain mode
Tolerant to magnet misalignment and gap variations
Wide temperature range: - 40ºC to +150ºC
Fully automotive qualified to AEC-Q100, grade 0
Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)
3 Applications
The device is ideal for industrial applications like contactless rotary
position sensing and robotics; automotive applications like steering
wheel position sensing, transmission gearbox encoder, head light
position control, torque sensing, valve position sensing and
replacement of high end potentiometers.
Hall Array
&
Front end
Amplifier
PWM
Interface
DSP
OTP
Register
MagINCn
DO
CSn
CLK
PDIO
Sin
Cos
Mag
Ang
MagDECn
PWM
Absolute
Interface
(SSI)
VDD5V
Incremental
Interface
DTEST1_A
DTEST2_B
LDO 3.3V
VDD3V3
Mux
Mode_Index
AS5145


Similar Part No. - AS5145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5145A ETC2-AS5145A Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5145A AMSCO-AS5145A Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145A-HSST ETC2-AS5145A-HSST Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5145A-HSST AMSCO-AS5145A-HSST Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145B ETC2-AS5145B Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
More results

Similar Description - AS5145

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5055 AMSCO-AS5055 Datasheet
1,023Kb / 26P
Low Power 12-Bit Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com