Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145 Datasheet(PDF) 30 Page - ams AG

Part # AS5145
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145 Datasheet(HTML) 30 Page - ams AG

Back Button AS5145 Datasheet HTML 26Page - ams AG AS5145 Datasheet HTML 27Page - ams AG AS5145 Datasheet HTML 28Page - ams AG AS5145 Datasheet HTML 29Page - ams AG AS5145 Datasheet HTML 30Page - ams AG AS5145 Datasheet HTML 31Page - ams AG AS5145 Datasheet HTML 32Page - ams AG AS5145 Datasheet HTML 33Page - ams AG AS5145 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
30 - 36
AS5145
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.7.5 Internal Timing Tolerance
The AS5145 does not require an external ceramic resonator or quartz. All internal clock timings for the AS5145 are generated by an on-chip RC
oscillator. This oscillator is factory trimmed to ±5% accuracy at room temperature (±10% over full temperature range). This tolerance influences
the ADC sampling rate and the pulse width of the PWM output:
- Absolute output; SSI interface: A new angular value is updated every 96µs (typ) in fast mode and every 384µs (typ) in slow mode.
- PWM output: A new angular value is updated every 384µs (typ). The PWM pulse timings Ton and Toff also have the same tolerance as the
internal oscillator. If only the PWM pulse width Ton is used to measure the angle, the resulting value also has this timing tolerance. How-
ever, this tolerance can be cancelled by measuring both Ton and Toff and calculating the angle from the duty cycle (see Pulse Width Mod-
ulation (PWM) Output on page 17)
Position =
(EQ 7)
9.7.6 Temperature
Magnetic Temperature Coefficient. One of the major benefits of the AS5145 compared to linear Hall sensors is that it is much less
sensitive to temperature. While linear Hall sensors require a compensation of the magnet’s temperature coefficients, the AS5145 automatically
compensates for the varying magnetic field strength over temperature. The magnet’s temperature drift does not need to be considered, as the
AS5145 operates with magnetic field strengths from ±45…±75mT.
Example: A NdFeB magnet has a field strength of 75mT @ –40ºC and a temperature coefficient of -0.12% per Kelvin. The temperature change
is from -40º to +125º = 165K.The magnetic field change is: 165 x -0.12% = -19.8%, which corresponds to 75mT at -40ºC and 60mT at 125ºC.
The AS5145 can compensate for this temperature related field strength change automatically, no user adjustment is required.
9.7.7 Accuracy over Temperature
The influence of temperature in the absolute accuracy is very low. While the accuracy is less than or equal to ±0.5º at room temperature, it may
increase to less then or equal to ±0.9º due to increasing noise at high temperatures.
Timing Tolerance over Temperature. The internal RC oscillator is factory trimmed to ±5%. Over temperature, this tolerance may increase
to ±10%. Generally, the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for internal clock
generation.
The only concern to the user is the width of the PWM output pulse, which relates directly to the timing tolerance of the internal oscillator. This
influence however can be cancelled by measuring the complete PWM duty cycle instead of just the PWM pulse.
9.8 AS5145 Differences to AS5045
All parameters are according to AS5045 data sheet except for the parameters shown below:
Table 15. Difference Between AS5145 and AS5045
Building Block
AS5145
AS5045
Resolution
12bits, 0.088º/step
12bits, 0.088º/step
Ambient temperature range
-40ºC to +150ºC
-40ºC to +125ºC
Data length
read: 18bits
(12bits data + 6 bits status)
OTP write: 18 bits
(12 bits zero position + 6 bits mode selection)
read: 18bits
(12bits data + 6 bits status)
OTP write: 18 bits
(12 bits zero position + 6 bits mode selection)
Pins 1 and 2
MagINCn, MagDECn: same feature as AS5045,
indicator red-yellow-green magnetic range
MagINCn, MagDECn
Incremental encoder
Pin3 (DTest1_A); Pin 4 (DTest2_B); Pin 6
(Mode_Index)
2x1024 ppr (12-bit)
2x256 ppr low-jitter (10-bit)
Not used
Pin 3: not used
Pin 4: not used
Pin 6
MODE_Index pin, switch between fast and slow mode.
In case of incremental mode is this pin an output the
fast mode is setup in this case.
MODE pin, switch between fast and slow mode
t
on
4097
⋅
t
on
t
off
+
()
-------------------------
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com