Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSE-5310ASDF Datasheet(PDF) 13 Page - ams AG

Part # NSE-5310ASDF
Description  Miniature Position Encoder SOIC with Zero Reference and I짼C Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310ASDF Datasheet(HTML) 13 Page - ams AG

Back Button NSE-5310ASDF Datasheet HTML 9Page - ams AG NSE-5310ASDF Datasheet HTML 10Page - ams AG NSE-5310ASDF Datasheet HTML 11Page - ams AG NSE-5310ASDF Datasheet HTML 12Page - ams AG NSE-5310ASDF Datasheet HTML 13Page - ams AG NSE-5310ASDF Datasheet HTML 14Page - ams AG NSE-5310ASDF Datasheet HTML 15Page - ams AG NSE-5310ASDF Datasheet HTML 16Page - ams AG NSE-5310ASDF Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com
Revision 1.0
13 - 21
NSE-5310
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 10. I²C Additional Information – Magnitude and Temperature Sensor
The information is sequenced by the order of priority during operation. Hence temperature readout is not needed for every access and
magnitude information is only important if the AGC is out of range. The I²C readout can be stopped after every byte with the stop condition P.
Timing constraints are according to I2C-Bus Specification V2.1 / 2000.
8.4.1 Sync Mode
This mode is used to synchronize the external electronics with the NSE-5310. In this mode two signals are provided at the pins DTEST_A and
DTEST_B.
Figure 11. Sync Mode
Every rising edge at DTEST1_A indicates that new data in the device is available. With this signal it is possible to trigger a µC (interrupt) and
start the serial interface readout.
AGC7
Data Byte 5
ACK
Master
TD9
9
Mag
Incr
Decr
SCL
SDA
AGC6AGC5AGC4AGC3AGC2AGC1AGC0
Mag7 Mag6Mag5Mag4Mag3Mag2Mag1Mag0
TD8 TD7 TD6 TD5 TD4 TD3 TD2
1
91
91
9
P
ACK
Master
ACK
Master
ACK
Master
Data Byte 4
Data Byte 3
Data Byte 2
AGC7- AGC0: Automatic Gain Control data
Mag7- Mag0: MSB magnitude value
TD9 - TD2: MSB temperature data
DTEST 1 _ A
DTEST 2 _ B
Data _PhaseA
Data_PhaseB
Data_PhaseA
96 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com