Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSE-5310ASDF Datasheet(PDF) 6 Page - ams AG

Part # NSE-5310ASDF
Description  Miniature Position Encoder SOIC with Zero Reference and I짼C Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310ASDF Datasheet(HTML) 6 Page - ams AG

Back Button NSE-5310ASDF Datasheet HTML 2Page - ams AG NSE-5310ASDF Datasheet HTML 3Page - ams AG NSE-5310ASDF Datasheet HTML 4Page - ams AG NSE-5310ASDF Datasheet HTML 5Page - ams AG NSE-5310ASDF Datasheet HTML 6Page - ams AG NSE-5310ASDF Datasheet HTML 7Page - ams AG NSE-5310ASDF Datasheet HTML 8Page - ams AG NSE-5310ASDF Datasheet HTML 9Page - ams AG NSE-5310ASDF Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.austriamicrosystems.com
Revision 1.0
6 - 21
NSE-5310
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6.2 Electrical System Specifications
Table 5. Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution
0.48828125 µm (max. 2mm/4096)
12
bit
INLopt
Integral non-linearity (optimum)
Maximum error with respect to the
best line fit.
Ideal magnet, TAMB=25ºC
±5.6
µm
INLtemp
Integral non-linearity (over temperature)
Maximum error with respect to the
best line fit.
Ideal magnet, TAMB= -30 to +70ºC
±10
µm
INL
Integral non-linearity
1
1. System integral non linearity is limited by magnetic source.
Best line fit =(Errmax– Errmin)/2
including magnet error,
TAMB= -30 to +70ºC
±40
µm
DNL
Differential non-linearity
10bit, no missing codes
±0.97
µm
TN
Transition noise
1 sigma, fast mode
0.6
µm RMS
1 sigma, slow mode
0.3
tPwrUp
Power-up time
Fast mode until status bit OCF=1
20
ms
Slow mode
80
tdelay
System propagation delay
Fast mode (MODE=1)
96
µs
Slow mode (MODE=0 or open)
384
fS
Internal sampling rate for absolute
output:
TAMB=25ºC, slow mode
2.48
2.61
2.74
kHz
TAMB= -30 to +70ºC, slow mode
2.35
2.61
2.87
TAMB=25ºC, fast mode
9.90
10.42
10.94
TAMB= -30 to +70ºC, fast mode
9.38
10.42
11.46
Hyst
Hysteresis
Incremental output /12bit resolution
Hyst=0 for absolute serial output
28
LSB
tPwrUp
Power Up Time
Mode dependant
20
80
ms
CLK
I²C Read-out frequency
Maximum clock frequency to read out
serial data
400
800
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com