Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSE-5310ASDF Datasheet(PDF) 3 Page - ams AG

Part # NSE-5310ASDF
Description  Miniature Position Encoder SOIC with Zero Reference and I짼C Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310ASDF Datasheet(HTML) 3 Page - ams AG

  NSE-5310ASDF Datasheet HTML 1Page - ams AG NSE-5310ASDF Datasheet HTML 2Page - ams AG NSE-5310ASDF Datasheet HTML 3Page - ams AG NSE-5310ASDF Datasheet HTML 4Page - ams AG NSE-5310ASDF Datasheet HTML 5Page - ams AG NSE-5310ASDF Datasheet HTML 6Page - ams AG NSE-5310ASDF Datasheet HTML 7Page - ams AG NSE-5310ASDF Datasheet HTML 8Page - ams AG NSE-5310ASDF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.austriamicrosystems.com
Revision 1.0
3 - 21
NSE-5310
Data Sheet - P i n A s s i g n m e n t s
SDA (DO)
12
Digital I/O / Tristate
Open Drain I²C
DATA Input / Output for I²C Mode. This pin is the I2C serial
interface used to read direct position information. This pin can
also be used to read the absolute magnitude of the magnetic
field (used to detect the end of the magnet, as a zero reference),
and the temperature sensor information. See I²C User Interface
on page 12 for more information.
SCL (CLK)
13
Digital input
Schmitt Trigger
Input
Serial Interface Unit CLK, also used for PPTIM access.
Frequency up to 400 KHz.
CSn
14
Digital input with pull-
up
ChipSelect / DO tristate / Reset Device in TestEN Mode / Control
Mode at PPTIM access
PWM
15
Digital output
4mA
~200 Hz Pulse Width Modulation Absolute Output
TestBus1
16
Analog I/O
Analog Test Bus1 / Configurable IO
TestBus0
17
Analog Test Bus0 / Configurable IO
VDD3V3
18
Supply pad
LDO Output. Positive I/O supply voltage pin.
See Using 3.3V or 5V Operation on page 10 for more
information.
VDD5V
19
LDO Input / Connection to IO structure. Positive I/O supply
voltage pin. See Using 3.3V or 5V Operation on page 10 for
more information.
TestBus3
20
Analog I/O
Analog Test Bus3 / Configurable IO
Table 1. Pin Descriptions
Pin Name
Pin
Number
Pin Type
Special
Requirements
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com