Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA5093TCF/24 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5093TCF/24
Description  24-26GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5093TCF/24 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5093TCF/24 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5093TCF/24 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5093TCF/24 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5093TCF/24 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5093TCF/24 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5093TCF/24 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA5093TCF
Ref. : DSCHA50932035 - 04-Feb.-02
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
24-26GHz High Power Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The packaged monolithic microwave IC
(MMIC)
is
a
high
gain
three-stage
monolithic
high
power
amplifier.
It
is
designed for a wide range of applications,
from military to commercial communication
systems.
The circuit is manufactured with a PM-
HEMT process, 0.25µm gate length, via
holes through the substrate, air bridges and
electron
beam
gate
lithography.
It
is
supplied in a new SMD leadless chip
carrier.
Main Features
■ Performances: 24-26GHz
■ Gain = 19dB (typical)
■ Output power (P-1dB) 29dBm (typical)
■ SMD leadless package
■ Dimensions: 6.35 x 6.35 x 0.97 mm
3
SMD Package Dimensions
"Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic Semiconductors.
It is indicated by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view). ATTENTION: The dot on
the backside of the package (i.e. side with metallic pads) is just for fabrication purposes and does NOT indicate the location of PIN


Similar Part No. - CHA5093TCF/24

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093 UMS-CHA5093 Datasheet
160Kb / 8P
22-26GHz High Power Amplifier
CHA5093-99F/00 UMS-CHA5093-99F/00 Datasheet
160Kb / 8P
22-26GHz High Power Amplifier
More results

Similar Description - CHA5093TCF/24

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093 UMS-CHA5093 Datasheet
160Kb / 8P
22-26GHz High Power Amplifier
CHA5390 UMS-CHA5390 Datasheet
177Kb / 8P
24-30GHz Medium Power Amplifier
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
24-30GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
2-26GHz PHEMT Amplifier
logo
United Monolithic Semic...
CHS2411-QDG UMS-CHS2411-QDG Datasheet
698Kb / 10P
23-26GHz Reflective SP4T Switch
logo
TriQuint Semiconductor
TGA2522-SM TRIQUINT-TGA2522-SM_15 Datasheet
446Kb / 17P
17 24 GHz Power Amplifier
logo
United Monolithic Semic...
CHA2441-QAG UMS-CHA2441-QAG_15 Datasheet
567Kb / 10P
22-26GHz Low Noise Amplifier
CHA5050-99F UMS-CHA5050-99F_15 Datasheet
462Kb / 10P
17-26GHz Medium Power Amplifier
CHS2411-QDG UMS-CHS2411-QDG_15 Datasheet
478Kb / 10P
23-26GHz Reflective SP4T Switch
logo
Vishay Barry
TV0402ZZ-XXXXWN-AA BARRY-TV0402ZZ-XXXXWN-AA Datasheet
148Kb / 2P
DC - 26GHz Chip Termination
REV.D APR 4 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com