Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9103EP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9103EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103EP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9103EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
DM9103
3-port switch with PCI Interface
Preliminary datasheet
13
DM9103-DS-P02
September 26, 2007
5.2.2 RMII Interfaces
Pin No.
Pin Name
I/O
Description
55
MDC
O,PD MII Serial Management Data Clock
56
MDIO
I/O
MII Serial Management Data
58,59
TXD2_3~2
O
Reserved
60,61
TXD2_1~0
O,PD RMII Transmit Data
63
TXE2
O,PD RMII Transmit Enable.
64
TXC2
O
Reserved
65
CRS2
I
RMII CRS_DV
66
COL2
I
Reserved
67
RXER2
I
Reserved
68
RXC2
I
50MHz reference clock.
70
RXDV2
I
Reserved
71,72
RXD2_3~2
I
Reserved
73,74
RXD2_1~0
I
RMII Receive Data.
5.2.3 Reverse MII Interfaces
Pin No.
Pin Name
I/O
Description
55
MDC
O,PD Reserved
56
MDIO
I/O
Reserved
58,59,60,61
TXD2_3~0
O,PD Port 2 MII Transmit Data
4-bit nibble data outputs (synchronous to the TXC2)
63
TXE2
O,PD Port 2 MII Transmit Enable
64
TXC2
O
25MHz clock output
65
CRS2
O
Port 2 carrier sense output when TXE2 or RXDV2
asserted.
66
COL2
O
Port 2 collision output when TXE2 and RXDV2
asserted.
67
RXER2
I
Port 2 MII Receive Error
68
RXC2
I
Port 2 MII Receive Clock
70
RXDV2
I
Port 2 MII Receive Data Valid
71,72,73,74
RXD2_3~0
I
Port 2 MII Receive Data
4-bit nibble data input (synchronous to RXC2)
5.3 EEPROM Interfaces
Pin No.
Pin Name
I/O
Description
49
EEDI
I,PD
EEPROM Data In
50
EEDO
O,PD
EEPROM Data Out
This pin is used serially to write op-codes, addresses and
data into the EEPROM.
51
EECK
O,PD
EEPROM Serial Clock
This pin is used as the clock for the EEPROM data transfer.
52
EECS
O,PD
EEPROM Chip Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com