Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9103EP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9103EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103EP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9103EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
DM9103
3-port switch with PCI Interface
Preliminary datasheet
21
DM9103-DS-P02
September 26, 2007
6.1.7 Subsystem Identification (xxxxxx2cH - PCISID)
Bit
Default
Type
Description
31:16
XXXXH
RO
Subsystem ID
It can be loaded from EEPROM word 1
15:0
XXXXH
RO
Subsystem Vendor ID
It can be loaded from EEPROM word 0
6.1.8 Capabilities Pointer (xxxxxx34H - Cap _Ptr)
Bit
Default
Type
Description
31:8
000000H
RO
Reserved
7:0
01010000
RO
Capability Pointer
The Cap_ Ptr provides an offset (default is 50H) into the function’s PCI
Configuration Space for the location of the first term in the Capabilities Linked List.
The Cap_ Ptr offset is double word aligned so the two least significant bits are
always “0”s
6.1.9 Interrupt & Latency Configuration (xxxxxx3cH - PCIINT)
Bit
Default
Type
Description
31:24
28H
RO
Maximum Latency Timer that can be sustained.
23:16
14H
RO
Minimum Grant
Minimum Length of a Burst Period.
15:8
01H
RO
Interrupt Pin read as 01H to indicate INTA#
7:0
XXH
RW
Interrupt Line that Is routed to the Interrupt Controller
The value depends on system software.
6.1.10 Device Specific Configuration Register (xxxxxx40H- PCIUSR)
Bit
Default
Type
Description
31:30
0
RO
Reserved Bits Read As 0
29
0
RW
When set, enables port 0 or 1 Link Status Change Wake up Event
28
0
RO
Reserved Bit Read As 0
27
0
RW
When set, enables Magic Packet Wake up Event
26
0
RO
When set, indicates the port 0 or 1 Link Change and the Link Status Change Event
occurred
25
0
RO
Reserved Bit Read As 0
24
0
RO
When set, indicates the Magic Packet is received and the Magic packet Event
occurred
23:16
00H
RO
Reserved Bits Read As 0
15:8
00H
RW
Device Specific
7:0
00H
RO
Reserved Bits Read As 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com