Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301F Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301F Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9301F Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9301F Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DM9301F Product Brief
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
June 2008 Rev.1.0
The DM9301 is a physical-layer, single-chip, low-power media converter for
100BASE-TX/FX full duplex repeater applications. On the TX media side, it provides
a direct interface to Unshielded Twisted Pair Cable 5 (UTP5) for 100BASE-TX Fast
Ethernet. On the FX media side, it provides a direct interface to a Pseudo Emitter
Coupled Logic level interface (PECL).
The DM9301 uses a low power and high performance CMOS process. It contains the
entire physical layer functions of 100BASE-TX as defined by IEEE802.3u, including
the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted
Pair Physical Medium Dependent Sublayer (TP-PMD) and a PECL compliant
interface for a fiber optic module, compliant with ANSI X3.166. The DM9301
provides two independent clock recovery circuits to minimize bit delay through the
converter (no FIFO are used to buffer data between the FX and TX interfaces).
Furthermore, due to the excellent rise/fall time control by a built-in wave-shaping
filter, the DM9301 needs no external filter to transport signals to the media on the
100Base-TX interface.
Patent-Pending Circuits: Smart adaptive receiver equalizer
‧
Digital algorithm for high frequency clock/data recovery circuit
‧
High speed wave-shaping circuit
Block Diagram
TX Code-
group
Alignment
Monitor
Descrambler
Serial to
Parallel
NRZI
to
NRZ
RX
CRM
MLT-3 to
NRZI
Adaptive
EQ
CGM
125M TPRXCLK
25M TPRXCLK
25M
OSC/XTAL
TPRXI+/-
Parallel
to Serial
FX Code-
group
Alignment
Monitor
Serial to
Parallel
RX
CRM
Scrambler
Parallel
to Serial
NRZ
to
NRZI
NRZI to
MLT-3
MLT-3
Driver
TPTXO+/-
Rise/Fall
Time
CTL
25M FXRXCLK
125M FXRXCLK
PECL
TXMT
PECL
RCVR
PECLRXI +/-
PECLTXO +/-
FXSD
RCVR
Link Status
Monitor &
LED Driver
PECLSD
NRZ
to
NRZI
NRZI
to
NRZ


Similar Part No. - DM9301F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9301F ETC-DM9301F Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results

Similar Description - DM9301F

ManufacturerPart #DatasheetDescription
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652 MICRO-LINEAR-ML6652_04 Datasheet
667Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
logo
Davicom Semiconductor, ...
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9331AE DAVICOM-DM9331AE Datasheet
75Kb / 2P
100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com