Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA7010 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA7010
Description  X-band GaInP HBT High Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7010 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA7010 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
X-band High Power Amplifier
CHA7010
Ref. : DSCHA70102175 -24-June-02
4/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical measured characteristics
Measurements in test fixture :
Tamb=25°C, Vc=9V, Vctr=5.5V, Pulse width=80µs , Duty cycle = 30%
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
8,4
8,6
8,8
9
9,2
9,4
9,6
9,8
10
10,2
10,4
Frequency (GHz)
1500
1700
1900
2100
2300
2500
2700
2900
3100
3300
3500
3700
3900
Pout @ pin = 27 dBm
Pae @ pin = 27 dBm
gain @ pin = 27 dBm
Ic @ pin = 27 dBm
Saturated output power, PAE, Gain and collector current versus frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com