Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA7010 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA7010
Description  X-band GaInP HBT High Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7010 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA7010 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA7010
Ref. : DSCHA70102175 -24-June-02
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
X-band GaInP HBT High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA7010 is a monolithic two stage
GaAs high power amplifier designed for X
band applications.
This device is manufactured using a GaInP
HBT process, including, via holes through
the substrate and air bridges. A nitride
layer protects the transistors and the
passive components. Special heat removal
techniques are implemented to guarantee
high reliability.
To simplify the assembly process;
• the backside of the chip is both RF and
DC grounded
• bond pads and back side are gold
plated for compatibility with eutectic die
attach method and thermo-sonic or
thermo-compression bonding process.
Main Features
n 10W output power
n High gain : > 18dB @ 10GHz
n High PAE : > 35% @ 10GHz
n On-chip bias control
n Linear collector current control
n High impedance interface for pulse
mode
n Temperature compensated
n Chip size: 4.74 x 4.36 x 0.1 mm
Vctr
Vc
Vctr
Vc
Vctr
Vc
Vctr
Vc
Inter-stage
Input
Matching
Network
Output
Combiner
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
F_op
Operating frequency range
8.4
9.4
10.4
GHz
P_sat
Saturated output power
10
W
P_1dBc
Output power @ 1dBc
8
W
G_lin
Linear gain
18
dB
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !


Similar Part No. - CHA7010

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7010 UMS-CHA7010 Datasheet
384Kb / 7P
X-band GaInP HBT High Power Amplifier
CHA7010-99F/00 UMS-CHA7010-99F/00 Datasheet
384Kb / 7P
X-band GaInP HBT High Power Amplifier
CHA7010 UMS-CHA7010_04 Datasheet
384Kb / 7P
X-band GaInP HBT High Power Amplifier
More results

Similar Description - CHA7010

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
X-band HBT High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
X Band High Power Amplifier
CHA7010 UMS-CHA7010_04 Datasheet
384Kb / 7P
X-band GaInP HBT High Power Amplifier
CHA7012 UMS-CHA7012_09 Datasheet
397Kb / 10P
X-band HBT High Power Amplifier
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
X Band High Power Amplifier
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
X-band HBT High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
X-band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
X-band High Power Amplifier
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
X Band HBT Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com