Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA7010 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA7010
Description  X-band GaInP HBT High Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7010 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA7010 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
X-band High Power Amplifier
CHA7010
Ref. : DSCHA70102175 -24-June-02
2/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = 25°C, Vc=9V, Vctr=5.5V, Pulse width=80µs , Duty cycle = 30%
Symbol
Parameter
Min
Typ
Max
Unit
F_op
Operating frequency
8.4
9.4
10.4
GHz
G_lin_1
Linear gain (8.4 to 9.4GHz)
14
16
dB
G_lin_2
Linear gain (9.4 to 10.4GHz)
16
18
dB
G_lin_T
Linear gain variation versus temperature
-0.035
dB/°C
RL_in
Input Return Loss
8
12
dB
RL_out
Output Return Loss
6
12
dB
P_sat_1
Saturated output power (8.4 to 9.8GHz)
39
40
dBm
P_sat_2
Saturated output power (9.8 to 10.4GHz)
38
39
dBm
P_sat_T
Saturated output power variation versus
temperature
-0.01
dB/°C
P_1dBc_1
Output power @ 1dBc (8.4 to 9.8GHz)
38
39
dBm
P_1dBc_2
Output power @ 1dBc (9.8 to 10.4GHz)
37
38
dBm
PAE_sat
Power Added Efficiency in saturation
30
35
%
PAE_1dBc
Power Added Efficiency @ 1dBc
27
32
%
Vc
Power supply voltage
9
V
Ic
Power supply quiescent current (1)
2.4
A
Vctr
Collector current control voltage
5.5
V
Zctr
Vctr input port impedance (2)
350
Ohm
Top
Operating temperature range (3)
-30
+80
°C
(1) This parameter is fixed by Vctr
(2) This value corresponds to the 4 ports in parallel (Pin 4, 9, 17, 22)
(3) The reference is the back-side of the chip
Absolute Maximum Ratings (1)
Tamb = 25°C
Symbol
Parameter
Values
Unit
Cmp
Compression level
6
dB
Vc
Power supply voltage
10
V
Ic
Power supply quiescent current
2.8
A
Ic_sat
Power supply current in saturation
3.5
A
Vctr
Collector current control voltage
6.5
V
Tstg
Storage temperature range
-55 to +125
°C
(1)
Operation of this device above anyone of these parameters may cause permanent damage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com