Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V-S Datasheet(PDF) 31 Page - Transcend Information. Inc.

Part # TS2GDOM40V-S
Description  40-Pin IDE Flash Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V-S Datasheet(HTML) 31 Page - Transcend Information. Inc.

Back Button TS2GDOM40V-S Datasheet HTML 26Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 27Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 28Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 29Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 30Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 31Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 32Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 33Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 34Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GD
D
DO
O
OM
M
M4
4
40
0
0V
V
V---S
S
S
Transcend Information Inc.
Ver 1.2
31
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
51
0200h
2
PIO data transfer cycle timing mode
52
0000h
2
Obsolete
53
000Xh
2
Field Validity
54
XXXXh
2
Current numbers of cylinders
55
XXXXh
2
Current numbers of heads
56
XXXXh
2
Current sectors per track
57-58
XXXXh
4
Current capacity in sectors (LBAs)(Word 57 = LSW, Word 58 = MSW)
59
01XXh
2
Multiple sector setting
60-61
XXXXh
4
Total number of sectors addressable in LBA Mode
62
0000h
2
Reserved
63
0X0Xh
2
Multiword DMA transfer. In PC Card modes this value shall be 0h
64
0003h
2
Advanced PIO modes supported
65
XXXXh
2
Minimum Multiword DMA transfer cycle time per word. In PC Card
modes this value shall be 0h
66
XXXXh
2
Recommended Multiword DMA transfer cycle time. In PC Card
modes this value shall be 0h
67
XXXXh
2
Minimum PIO transfer cycle time without flow control
68
XXXXh
2
Minimum PIO transfer cycle time with IORDY flow control
69-79
0000h
20
Reserved
80-81
0000h
4
Reserved – CF cards do not return an ATA version
82-84
XXXXh
6
Features/command sets supported
85-87
XXXXh
6
Features/command sets enabled
88
001Fh
2
Ultra DMA Mode Supported and Selected (UDMA mode 0 ~ 4)
89
XXXXh
2
Time required for Security erase unit completion
90
XXXXh
2
Time required for Enhanced security erase unit completion
91
XXXXh
2
Current Advanced power management value
92-127
0000h
72
Reserved
128
XXXXh
2
Security status
129-159
0000h
64
Vendor unique bytes
160
XXXXh
2
Power requirement description
161
0000h
2
Reserved for assignment by the CFA
162
0000h
2
Key management schemes supported
163
XXXXh
2
CF Advanced True IDE Timing Mode Capability and Setting
164
XXXXh
2
CF Advanced PC Card I/O and Memory Timing Mode Capability
165-167
0000h
6
Reserved for assignment by the CFA
168-255
0000h
158
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com