Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V-S Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # TS2GDOM40V-S
Description  40-Pin IDE Flash Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V-S Datasheet(HTML) 4 Page - Transcend Information. Inc.

  TS2GDOM40V-S Datasheet HTML 1Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 2Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GD
D
DO
O
OM
M
M4
4
40
0
0V
V
V---S
S
S
Transcend Information Inc.
Ver 1.2
4
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDD-VSS
DC Power Supply
-0.6
+6
V
Ta
Operating Temperature
0
+70
°C
Tst
Storage Temperature
-40
+85
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDD
Power supply
3.0
5.5
V
VIN
Input voltage
0
VDD+0.3
V
Ta
Operating Temperature
0
+70
°C
DC Characteristics
(Ta=0
oC to +70 oC, Vcc = 5.0V ±10%)
Parameter
Symbol
Min
Max
Unit
Remark
Supply Voltage
VCC
4.5
5.5
V
High level output voltage
VOH
VCC-0.8
--
V
Low level output voltage
VOL
--
0.8
V
4.0
--
V
Non-schmitt trigger
High level input voltage
VIH
2.92
--
V
Schmitt trigger
1
--
0.8
V
Non-schmitt trigger
Low level input voltage
VIL
--
1.70
V
Schmitt trigger
1
(Ta=0
oC to +70 oC, Vcc = 3.3V ±5%)
Parameter
Symbol
Min
Max
Unit
Remark
Supply Voltage
VCC
3.135
3.465
V
High level output voltage
VOH
VCC-0.8
--
V
Low level output voltage
VOL
--
0.8
V
2.4
--
V
Non-schmitt trigger
High level input voltage
VIH
2.05
--
V
Schmitt trigger
1
--
0.6
V
Non-schmitt trigger
Low level input voltage
VIL
--
1.25
V
Schmitt trigger
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com