Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V-S Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS2GDOM40V-S
Description  40-Pin IDE Flash Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V-S Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS2GDOM40V-S Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 9Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 10Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GD
D
DO
O
OM
M
M4
4
40
0
0V
V
V---S
S
S
Transcend Information Inc.
Ver 1.2
7
True IDE PIO Mode Timing Diagram
Figure 1: True IDE PIO Mode Timing Diagram
Notes:
(1) Device address consists of -CS0, -CS1, and A[02::00]
(2) Data consists of D[15::00] (16-bit) or D[07::00] (8 bit)
(3) -IOCS16 is shown for PIO modes 0, 1 and 2. For other modes, this signal is ignored.
(4) The negation of IORDY by the device is used to extend the PIO cycle. The determination of whether the cycle is
to be extended is made by the host after tA from the assertion of -IORD or -IOWR. The assertion and negation
of IORDY is described in the following three cases:
(4-1) Device never negates IORDY: No wait is generated.
(4-2) Device starts to drive IORDY low before tA, but causes IORDY to be asserted before tA: No wait
generated.
(4-3) Device drives IORDY low before tA: wait generated. The cycle completes after IORDY is reasserted. For
cycles where a wait is generated and -IORD is asserted, the device shall place read data on D15-D00 for
tRD before causing IORDY to be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com