Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4GSDHC2 Datasheet(PDF) 21 Page - Transcend Information. Inc.

Part # TS4GSDHC2
Description  4~32GB High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC2 Datasheet(HTML) 21 Page - Transcend Information. Inc.

Back Button TS4GSDHC2 Datasheet HTML 16Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 17Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 18Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 19Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 20Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 21Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 22Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 23Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 24Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
21
Defines the data status after erase, whether it is ‘0’ or ‘1’ (the status is card vendor dependent).
• SD_SECURITY
Describes the security algorithm supported by the card.
SD Supported Security Algorithm
Note that it is mandatory for a regular writable SD Memory Card to support Security Protocol. For ROM (Read Only) and
OTP (One Time Programmable) types of the SD Memory Card, the security feature is optional. In the case of Standard
Capacity SD Memory Card, this field shall be set to 2 (Version 1.01). In the case of High Capacity SD Memory Card, this
field shall be set to 3 (Version 2.00).
• SD_BUS_WIDTHS
Describes all the DAT bus widths that are supported by this card.
Since SD Memory Card shall support at least the two bus modes 1bit or 4bit width then any SD Card shall set at least
bits 0 and 2 (SD_BUS_WIDTH="0101").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com