Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4GSDHC2 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS4GSDHC2
Description  4~32GB High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC2 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS4GSDHC2 Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
1
Description
Transcend High Capacity SD Card series are
specifically designed to meet the High Capacity, High
Definition Audio and Video requirement for the latest
Digital Cameras, DV Recorders, Mobile Phones, etc,.
The new defined Speed Class enables the host to
support AV applications to perform real time
recording to the SD memory card.
Placement
Front
Back
Features
• RoHS compliant product.
• Card Lid material: PC (comply with UL94,Flame
Class:HB)
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Durability: 10,000 insertion/removal cycles
• Compatible with SD Specification Ver. 2.0
• Comply with SD File System Specification Ver. 2.0
• Mechanical Write Protection Switch
• Supports Speed Class Specification up to Class 2
• Supports Copy Protection for Recorded Media (CPRM)
for SD-Audio
• Seamless compatibility with SDMI-compliant digital audio
devices
• Form Factor: 24mm x 32mm x 2.1mm
Pin Definition
SD Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
CD/DAT I/O/PP
3
Card Detect/Data Line [Bit3]
CS
I
Chip Select (neg true)
2
CMD
PP
Command/Response
DI
I
Data In
3
VSS1
S
Supply voltage ground
VSS
S
Supply voltage ground
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS2
S
Supply voltage ground
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
DO
O/PP
Data Out
8
DAT1
I/O/PP Data Line [Bit1]
RSV
9
DAT2
I/O/PP Data Line [Bit2]
RSV


Similar Part No. - TS4GSDHC2

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
4GB 150X High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
SDHC Memory Card Reader P2
TS4GSDHC6V TRANSCEND-TS4GSDHC6V Datasheet
590Kb / 24P
4GB~16GB SDHC6 HD Video Card
More results

Similar Description - TS4GSDHC2

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
8GB 150X High Capacity Secure Digital Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
Secure Digital Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
4~16GB High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
Capacity: 128MB to 32GB
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
CFast card specification standard, Capacity: 2GB up to 32GB
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
Industrial Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com