Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4GSDHC2 Datasheet(PDF) 13 Page - Transcend Information. Inc.

Part # TS4GSDHC2
Description  4~32GB High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC2 Datasheet(HTML) 13 Page - Transcend Information. Inc.

Back Button TS4GSDHC2 Datasheet HTML 9Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 10Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 11Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 12Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 13Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 14Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 15Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 16Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 17Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
13
The product revision is composed of two Binary Coded Decimal (BCD) digits, four bits each, representing an “n.m”
revision number. The “n” is the most significant nibble and “m” is the least significant nibble.
As an example, the PRV binary value field for product revision “6.2” will be: 0110 0010
• PSN
The Serial Number is 32 bits of binary number.
• MDT
The manufacturing date composed of two hexadecimal digits, one is 8 bit representing the year(y)
and the other is four bits representing the month(m).
The “m” field [11:8] is the month code. 1 = January.
The “y” field [19:12] is the year code. 0 = 2000.
As an example, the binary value of the Date field for production date “April 2001” will be:
00000001 0100.
• CRC
CRC7 checksum (7 bits).
3. CSD Register
Table 5-16 shows Definition of the CSD for the High Capacity SD Memory Card (CSD Version 2.0). The following
sections describe the CSD fields and the relevant data types for the High Capacity SD Memory Card.
CSD Version 2.0 is applied to only the High Capacity SD Memory Card. The field name in parenthesis is set to fixed
value and indicates that the host is not necessary to refer these fields. The fixed values enables host, which refers to
these fields, to keep compatibility to CSD Version 1.0. The Cell Type field is coded as follows: R = readable, W(1) =
writable once, W = multiple writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com