Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM44H Datasheet(PDF) 6 Page - Transcend Information. Inc.

Part # TS2GDOM44H
Description  44-Pin IDE Flash Module(Horizontal)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM44H Datasheet(HTML) 6 Page - Transcend Information. Inc.

  TS2GDOM44H Datasheet HTML 1Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 2Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 9Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
1
1
12
2
28
8
8M
M
M ~
~
~ 4
4
4G
G
GB
B
B
Transcend Information Inc.
Ver 1.2
6
Pin Description
Pin No.
Signal
I/O*
Description
01
-RESET
I
Hardware reset signal from the host.
17, 15, 13, 11, 09, 07,
05, 03, 04, 06, 08, 10,
12, 14, 16, 18
DD0 ~ DD15 (Device Data)
I/O
16-bit bi-direction Data Bus. DD(7:0) are used for 8-bit
register transfers.
21
DMARQ (DMA Request)
O
For DMA data transfers. Device will assert DMARQ
when the device is ready to transfer data to or from the
host.
-DIOW (I/O Write)
This is the strobe signal used by the host to write to the
device register or Data port.
23
STOP (Stop UDMA Burst)
I
The host asserts this signal during an UDMA burst to
stop the DMA burst.
-DIOR (I/O Read)
This is the strobe signal used by the host to read from
the device register or the Data port.
-HDMARDY (UDMA ready)
When UDMA mode DMA Read is ready, -HDMARDY
should be asserted by the host to indicate that the host is
ready to receive DMA data-in burst.
25
HSTROBE (UDMA Strobe)
I
HSTROBE receives the data-out strobe signal from the
host for an UDMA burst.
IORDY (I/O channel ready)
This signal is used to temporarily stop the host register
access (read or write) when the device is not ready to
respond to a data transfer request.
DDMARDY (UDMA ready)
The device will assert this signal to indicate that the
device is ready to receive UDMA data-out burst.
27
DSTROBE (UDMA data
strobe)
O
When UDMA mode DMA Read is active, this signal is
the data-in strobe generated by the device.
28
CSEL (Cable select)
I
This pin is used to configure this device as Device 0 or
Device 1. When this pin is grounded, this device is
configured as Device 0. When this pin is High, this
device is configured as Device 1.
29
-DMACK (DMA
acknowledge)
I
This signal is used by the host in response to DMARQ to
initiate DMA transfer.
31
INTRQ (Interrupt)
O
When this device is selected, this signal is the active
high Interrupt Request to the host.
32
IOCS16B
O
During PIO transfer mode 0, 1 or 2, this pin indicates to
the host the 16-bit data port has been addressed and the
device is prepared to send or receive a 16-bit data word.
When transferring in PIO mode 3, 4, or above, this signal
should not be used by the host, and all transfers will be
16-bit. When transferring in DMA mode, the host must
use a 16-bit DMA channel and this signal will not be
asserted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com